Electronic Components Datasheet Search
  English  ▼

X  

KMZ50 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # KMZ50
Description  Magnetic field sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

KMZ50 Datasheet(HTML) 2 Page - NXP Semiconductors

  KMZ50 Datasheet HTML 1Page - NXP Semiconductors KMZ50 Datasheet HTML 2Page - NXP Semiconductors KMZ50 Datasheet HTML 3Page - NXP Semiconductors KMZ50 Datasheet HTML 4Page - NXP Semiconductors KMZ50 Datasheet HTML 5Page - NXP Semiconductors KMZ50 Datasheet HTML 6Page - NXP Semiconductors KMZ50 Datasheet HTML 7Page - NXP Semiconductors KMZ50 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1998 Mar 24
2
Philips Semiconductors
Preliminary specification
Magnetic field sensor
KMZ50
FEATURES
• High sensitivity
• Integrated set/reset coil.
APPLICATIONS
• Navigation
• Current and earth magnetic field measurement
• Traffic detection.
DESCRIPTION
The KMZ50 is an extremely sensitive magnetic field
sensor, employing the magnetoresistive effect of thin-film
permalloy. The sensor contains one magnetoresistive
Wheatstone bridge and integrated set/reset conductors.
With the integrated set/reset conductor the orientation of
sensitivity may be set or changed (flipped). A short current
pulse on this conductor is needed to recover (set) the
sensor after exposure to strong disturbing magnetic fields.
A negative current pulse will reset the sensor to reversed
sensitivity. By use of periodically alternated flipping pulses
and a lock-in amplifier, output will become independent of
sensor and amplifier offset.
PINNING
PIN
SYMBOL
DESCRIPTION
1
+Iflip
flip coil
2VCC
bridge supply voltage
3
GND
ground
4
n.c.
not connected
5
n.c.
not connected
6
−V
O
bridge output voltage
7+VO
bridge output voltage
8
−I
flip
flip coil
Fig.1 Simplified outline.
handbook, halfpage
4
1
5
8
MGD791
pin 1
index
H
QUICK REFERENCE DATA
Note
1. Average power consumption in flip conductor, defined by current, pulse duration and pulse repetition rate may not
exceed the specified limit, see “Limiting values”.
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
VCC
bridge supply voltage
−
58V
S
sensitivity (uncompensated)
12
16
−
Voffset
offset voltage
−1.5
−
+1.5
mV/V
Rbridge
bridge resistance
1
−
3k
Ω
Rflip
flip coil resistance
1
3
5
Ω
Iflip (min)
minimum recommended flipping current; note 1
800
1000
1200
mA
tflip (min)
minimum flip pulse duration; note 1
1
3
100
µs
mV V
⁄
kA m
⁄
-----------------



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com