Electronic Components Datasheet Search
  English  ▼

X  

KMZ50 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # KMZ50
Description  Magnetic field sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

KMZ50 Datasheet(HTML) 3 Page - NXP Semiconductors

  KMZ50 Datasheet HTML 1Page - NXP Semiconductors KMZ50 Datasheet HTML 2Page - NXP Semiconductors KMZ50 Datasheet HTML 3Page - NXP Semiconductors KMZ50 Datasheet HTML 4Page - NXP Semiconductors KMZ50 Datasheet HTML 5Page - NXP Semiconductors KMZ50 Datasheet HTML 6Page - NXP Semiconductors KMZ50 Datasheet HTML 7Page - NXP Semiconductors KMZ50 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1998 Mar 24
3
Philips Semiconductors
Preliminary specification
Magnetic field sensor
KMZ50
CIRCUIT DIAGRAM
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VCC
bridge supply voltage
−
9V
Ptot
total power dissipation
−
130
mW
Tstg
storage temperature
−65
+150
°C
Tbridge
bridge operating temperature
−40
+125
°C
Iflip (max)
maximum flipping current
−
1500
mA
Pflip (max)
maximum flipping power dissipation
−
50
mW
Visol
voltage between isolated systems:
flip conductor - Wheatstone bridge
−
60
V
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
155
K/W
Fig.2 Simplified circuit diagram.
handbook, halfpage
87
6
5
12
3
4
MGD792
GND
+VO
+IF
−IF
−VO
VCC
n.c.
n.c.
Z1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com