Electronic Components Datasheet Search
  English  ▼

X  

SF1006 Datasheet(PDF) 1 Page - ASEMI TECHNOLOGY., LTD

Part # SF1006
Description  10A super fast recovery diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASEMI [ASEMI TECHNOLOGY., LTD]
Direct Link  https://www.asemi99.com/
Logo ASEMI - ASEMI TECHNOLOGY., LTD

SF1006 Datasheet(HTML) 1 Page - ASEMI TECHNOLOGY., LTD

  SF1006 Datasheet HTML 1Page - ASEMI TECHNOLOGY., LTD SF1006 Datasheet HTML 2Page - ASEMI TECHNOLOGY., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SF1002
SF1004
SF1006
SF1008
SF1010
SF1002 THRU SF1010
10
0.95
1.3
1.5
1.7
1.9
V
2 0 0
4 00
600
800
1000
V
1 40
280
420
560
700
V
2 0 0
4 00
600
800
1000
V
VOLTAGE RANG
200 to 1000 Volts
2-1
CURRENT
10 Ampere
www.asemi99.com
2018.11 Rev.3.1
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O.
Flame Retardant Epoxy Molding Compound.
• Low power loss, high efficiency.
• Low forward voltage, high current capability
• High surge capacity.
• Super fast recovery times, high voltage.
• Lead free in compliance with EU RoHS 2011/65/EU directive
• Green molding compound as per IEC61249 Std. . (Halogen Free)
NOTES :
1. Measured at 1 MHz and applied reverse voltage of 4 VDC.
2. Reverse Recovery Test Conditions: IF=0.5A, IR=1A, Irr=0.25A.
3. Both Bonding and Chip structure are available.
MECHANICAL DATA
• Case: TO-220AB Molded plastic
• Terminals: Lead solderable per MIL-STD-750, Method 2026
• Polarity: As marked.
• Standard packaging: Any
• Weight: 0.067 ounces, 1.89 grams.
MAXIMUM RATINGAND ELECTRICALCHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
PA RA ME TE R
S YMB OL
Ma xi mum Re c urre nt P eak Re ve rs e Vo ltage
V
RRM
Ma xi mum RMS Vo lta g e
V
RMS
Ma xi mum D C B lo c k i ng Vo lta g e
V
DC
Ma xi mum A verage F o rward C urre nt at T
C = 100
OCI
F(AV )
10
A
P eak F o rward S urge Curre nt, 8.3ms s i ng le ha lf s i ne -wave
s uperi mpo s ed on ra ted load
I
FSM
150
A
Ma xi mum F o rward Vo ltage at 5A , per element
V
F
Ma xi mum D C Re ve rs e C urre nt at Ra ted D C B loc k i ng
Vo ltage
T
J=2 5
OC
T
J= 100
OC
I
R
500
μA
Ma xi mum Re ve rs e Re c o ve ry Ti me (Note 2)
t
rr
Typi ca l J unc ti on C apaci tanc e (Note 1)
C
J
62
pF
Typi ca l Therma l Re s i s tanc e
R
θJC
3
OC /
W
Operating J unc ti on and S torage Te mperature Ra ng e
T
J ,TSTG
-55 to +150
OC
10A super fast recovery diode
UNITS
35
50
ns
Suffix "CTR"
Suffix "CT"
Positive
Negative
Common Cathode
Case
Common Anode


Similar Part No. - SF1006

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
SF1006 MTRONPTI-SF1006 Datasheet
302Kb / 1P
Specifications
logo
PACELEADER INDUSTRIAL
SF1006 PACELEADER-SF1006 Datasheet
538Kb / 2P
SUPERFAST RECOVERY RECTIFIER
logo
Gaomi Xinghe Electronic...
SF1006 GXELECTRONICS-SF1006 Datasheet
579Kb / 2P
VOLTAGE - 50 TO 600 VOLTS CURRENT - 10 AMPERES
logo
Yea Shin Technology Co....
SF1006 YEASHIN-SF1006 Datasheet
38Kb / 2P
VOLTAGE RANGE 50 to 600 Volts 10.0 Amperes
logo
Dongguan City Niuhang E...
SF1006 NIUHANG-SF1006 Datasheet
528Kb / 3P
SUPER FAST RECTIFIERS
More results

Similar Description - SF1006

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
DF10L60 SHINDENGEN-DF10L60 Datasheet
388Kb / 6P
Super Fast Recovery Rectifiers(600V 10A)
DF10LC20U SHINDENGEN-DF10LC20U Datasheet
376Kb / 6P
Super Fast Recovery Rectifiers(200V 10A)
logo
Frontier Electronics.
SFF100-03 FRONTIER-SFF100-03 Datasheet
129Kb / 2P
10A SUPER FAST RECOVERY RECTIFIER
SFF100-03-LFR FRONTIER-SFF100-03-LFR Datasheet
129Kb / 2P
10A SUPER FAST RECOVERY RECTIFIER
logo
ASEMI TECHNOLOGY., LTD
MUR1060CT ASEMI-MUR1060CT Datasheet
278Kb / 2P
10A super fast recovery diode
2018.11 Rev.3.1
MURF1060AC ASEMI-MURF1060AC Datasheet
280Kb / 2P
10A super fast recovery diode
2018.11 Rev.3.1
MURF1060CT ASEMI-MURF1060CT Datasheet
467Kb / 2P
10A super fast recovery diode
2018.11 Rev.3.1
SF1006A ASEMI-SF1006A Datasheet
307Kb / 2P
10A super fast recovery diode
2018.11 Rev.3.1
SFF1006 ASEMI-SFF1006 Datasheet
467Kb / 2P
10A super fast recovery diode
2018.11 Rev.3.1
SFF1006A ASEMI-SFF1006A Datasheet
280Kb / 2P
10A super fast recovery diode
2018.11 Rev.3.1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com