Electronic Components Datasheet Search
  English  ▼

X  

SF1006 Datasheet(PDF) 2 Page - ASEMI TECHNOLOGY., LTD

Part # SF1006
Description  10A super fast recovery diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASEMI [ASEMI TECHNOLOGY., LTD]
Direct Link  https://www.asemi99.com/
Logo ASEMI - ASEMI TECHNOLOGY., LTD

SF1006 Datasheet(HTML) 2 Page - ASEMI TECHNOLOGY., LTD

  SF1006 Datasheet HTML 1Page - ASEMI TECHNOLOGY., LTD SF1006 Datasheet HTML 2Page - ASEMI TECHNOLOGY., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2-2
www.asemi99.com
2018.11 Rev.3.1
RATING AND CHRACTERISTIC CURVES
Fig.1- FORWARD CURRENT DERATING CURVE
Fig.4- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTIC
Fig.2- MAXIMUM NON - REPETITIVE SURGE CURRENT
Fig.3- TYPICAL REVERSE CHARACTERISTIC
NO. OF CYCLE AT 60HZ
150
125
100
75
50
25
0
1
2
5
10
20
50
100
8.3ms Single
Half Since-Wave
JEDEC Method
0
2
4
6
8
10
LEADLENGHTS
RESISTIVEORINDUCTIVE LOAD
0
20
40
60
80
100
120
140
160
CASE TEMPERAURE, C
O
.6
.8
1.0
1
1
..
46
1.2
1.8
40
10
1
.1
2.0
INSTANTANEOUS FORWARD VOLTAGE ,VOLTS
T=25 C
Pulse Width=200us
J
O
600V
300-400V
200V
PERCENT OF RATED PEAK INVERSE VOLTGE, VOLTS
1000
100
10
1.0
0.1
20
40
60
80
100
120
T= 75 C
J
O
T= 25 C
J
O
T= 125 C
J
O
VOLTAGE RANG
200 to 1000 Volts
CURRENT
10 Ampere
10A super fast recovery diode
SF1002 THRU SF1010



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com