Electronic Components Datasheet Search
  English  ▼

X  

SFP6006 Datasheet(PDF) 1 Page - ASEMI TECHNOLOGY., LTD

Part # SFP6006
Description  60A super fast recovery diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASEMI [ASEMI TECHNOLOGY., LTD]
Direct Link  https://www.asemi99.com/
Logo ASEMI - ASEMI TECHNOLOGY., LTD

SFP6006 Datasheet(HTML) 1 Page - ASEMI TECHNOLOGY., LTD

  SFP6006 Datasheet HTML 1Page - ASEMI TECHNOLOGY., LTD SFP6006 Datasheet HTML 2Page - ASEMI TECHNOLOGY., LTD SFP6006 Datasheet HTML 3Page - ASEMI TECHNOLOGY., LTD SFP6006 Datasheet HTML 4Page - ASEMI TECHNOLOGY., LTD SFP6006 Datasheet HTML 5Page - ASEMI TECHNOLOGY., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SFP6010
SFP6008
SFP6006
SFP6004
SFP6002
SFP6002 THRU SFP6010
30
6
(Total Device 2x30A=60A)
60
CURRENT
60 Ampere
60A super fast recovery diode
0
Case: Heatsink TO-247AD/247S/3P open metal package
Suffix "PTR"
35
50
70
10
10
56
8
80
1.9
1.5
5-1
www.asemi99.com
2018.11 Rev.3.1
0.640(16.25)
0.620(15.75)
0.142(3.60)
0.125(3.20)
0.087(2.20)
0.070(1.80)
0.126(3.20)
0.110(2.80)
0.050(1.25)
0.045(1.15)
0.225(5.70)
0.204(5.20)
0.225(5.70)
0.204(5.20)
0.199(5.05)
0.175(4.45)
0.095(2.40)
0.030(0.75)
0.017(0.45)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
For capacitive load, derate current by 20%.
Single phase, half wave, 60Hz, resistive or inductive load.
Rating at 25oC ambient temperature unless otherwise specified.
NOTES :
-55 to +150
SYMBOL
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
Trr
CJ
TJ, TSTG
200
140
200
400
280
400
600
420
600
.0
10
0
1.3
0.98
500
150
UNIT
V
V
V
V
A
A
uA
uA
oC
pF
nS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified
Peak Forward Surge Current, 8.3ms single
Maximum Instantaneous Forward Voltage
Maximum DC Reverse Current @TJ=25
oC
Typical junction Capacitance (Note 2)
Operating Junction and Storage
Current TC=125
oC
Half sine-wave superimposed on rated load
(JEDEC method)
@
.0 A
At Rated DC Blocking Voltage @TJ=125
oC
Maximum Reverse Recovery Time (Note 1)
Temperature Range
(1) Reverse recovery test conditions IF = 0 5A IR = 1 0A Irr = 0.25A.
(2) Thermal Resistance junction to terminal.
(3) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC.
.
.
(Per Diode/Per Leg)
0
0
00
1.7
00
0
00
Features
Low forward voltage drop
Fast switching for high efficiency
High current capability
High surge current capability
Weight: 0.65 gram approximately
Polarity: As marked on diode body
method 208
Mounting position: Any
Terminals: Solderable per MIL-STD-202
Mechanical Data
Low reverse leakage current
Epoxy: UL 94V-0 rate flame retardant
Application
Automotive Inverters and Solar Inverters
Plating Power Supply,Motor Control,SMPS and UPS
Car Audio Amplifiers and Sound Device Systems
Positive
Negative
Common Cathode
Case
Common Anode
Suffix "PT"
VOLTAGE RANG
200 to 1000 Volts


Similar Part No. - SFP6006

ManufacturerPart #DatasheetDescription
logo
SemiWell Semiconductor
SFP60N03L SEMIWELL-SFP60N03L Datasheet
997Kb / 7P
Logic N-Channel MOSFET
More results

Similar Description - SFP6006

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
DF10LC30 SHINDENGEN-DF10LC30 Datasheet
558Kb / 2P
Super Fast Recovery Diode
M2FL20U SHINDENGEN-M2FL20U Datasheet
605Kb / 2P
Super Fast Recovery Diode
logo
Rohm
RFU20TM5S ROHM-RFU20TM5S_11 Datasheet
1,019Kb / 4P
Super Fast Recovery Diode
RFUS20TM4S ROHM-RFUS20TM4S_11 Datasheet
993Kb / 4P
Super Fast Recovery Diode
logo
Vishay Siliconix
VS-60.PF1.PBF VISHAY-VS-60.PF1.PBF Datasheet
197Kb / 7P
Fast Soft Recovery Rectifier Diode, 60A
20-Oct-11
logo
Rohm
RF2L6STE25 ROHM-RF2L6STE25 Datasheet
358Kb / 4P
Super Fast Recovery Diode
logo
Renesas Technology Corp
RJU60C3WDPP-M0 RENESAS-RJU60C3WDPP-M0 Datasheet
65Kb / 4P
600V - 60A - Dual Diode Fast Recovery Diode
RJU60C3WDPP-M0 RENESAS-RJU60C3WDPP-M0_15 Datasheet
65Kb / 4P
600V - 60A - Dual Diode Fast Recovery Diode
logo
KIA Semiconductor Techn...
60TB30 KIA-60TB30 Datasheet
196Kb / 3P
FAST RECOVERY DIODE 60A竊?00V
logo
Rohm
MH2107WZ ROHM-MH2107WZ Datasheet
233Kb / 3P
650V 60A Fast Recovery Diode
2019.08 - Rev.A
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com