Electronic Components Datasheet Search
  English  ▼

X  

SFP6006 Datasheet(PDF) 5 Page - ASEMI TECHNOLOGY., LTD

Part # SFP6006
Description  60A super fast recovery diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASEMI [ASEMI TECHNOLOGY., LTD]
Direct Link  https://www.asemi99.com/
Logo ASEMI - ASEMI TECHNOLOGY., LTD

SFP6006 Datasheet(HTML) 5 Page - ASEMI TECHNOLOGY., LTD

  SFP6006 Datasheet HTML 1Page - ASEMI TECHNOLOGY., LTD SFP6006 Datasheet HTML 2Page - ASEMI TECHNOLOGY., LTD SFP6006 Datasheet HTML 3Page - ASEMI TECHNOLOGY., LTD SFP6006 Datasheet HTML 4Page - ASEMI TECHNOLOGY., LTD SFP6006 Datasheet HTML 5Page - ASEMI TECHNOLOGY., LTD  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5-5
www.asemi99.com
2018.11 Rev.3.1
TO-3P
15.60
±0.20
4.80
±0.20
13.60
±0.20
9.60
±0.20
2.00
±0.20
3.00
±0.20
1.00
±0.20
1.40
±0.20
ø3.20
±0.10
1.50
+0.15
–0.05
0.60
+0.15
–0.05
5.45TYP
[5.45
±0.30]
5.45TYP
[5.45
±0.30]
CURRENT
60 Ampere
60A super fast recovery diode
VOLTAGE RANG
200 to 1000 Volts
Suffix "PTR"
Positive
Negative
Common Cathode
Case
Common Anode
Suffix "PT"
SFP6002 THRU SFP6010



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com