Electronic Components Datasheet Search
  English  ▼

X  

KTY85-110 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # KTY85-110
Description  Silicon temperature sensors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

KTY85-110 Datasheet(HTML) 2 Page - NXP Semiconductors

  KTY85-110 Datasheet HTML 1Page - NXP Semiconductors KTY85-110 Datasheet HTML 2Page - NXP Semiconductors KTY85-110 Datasheet HTML 3Page - NXP Semiconductors KTY85-110 Datasheet HTML 4Page - NXP Semiconductors KTY85-110 Datasheet HTML 5Page - NXP Semiconductors KTY85-110 Datasheet HTML 6Page - NXP Semiconductors KTY85-110 Datasheet HTML 7Page - NXP Semiconductors KTY85-110 Datasheet HTML 8Page - NXP Semiconductors KTY85-110 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1998 Mar 26
2
Philips Semiconductors
Product specification
Silicon temperature sensors
KTY85-1 series
DESCRIPTION
The temperature sensors in the KTY85-1 series have a
positive temperature coefficient of resistance and are
suitable for use in measurement and control systems.
The sensors are encapsulated in the SOD80 glass SMD
package.
Tolerances of 0.5% or other special selections are
available on request.
Fig.1 Simplified outline (SOD80).
The coloured marking band indicates the negative connection and
the product type.
The sensor must be operated with the lower potential at the marked
connection.
handbook, halfpage
MSB010 - 1
ka
MARKING
TYPE NUMBER
MARKING BAND COLOUR
KTY85-110
yellow
KTY85-120
red
KTY85-121
white
KTY85-122
green
KTY85-150
grey
KTY85-151
black
KTY85-152
blue
QUICK REFERENCE DATA
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
R25
sensor resistance
Tamb =25 °C; Icont =1mA
KTY85-110
990
1010
Ω
KTY85-120
980
1020
Ω
KTY85-121
980
1000
Ω
KTY85-122
1000
1020
Ω
KTY85-150
950
1050
Ω
KTY85-151
950
1000
Ω
KTY85-152
1000
1050
Ω
Tamb
ambient operating temperature
−40
+125
°C
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
Icont
continuous sensor current
in free air; Tamb =25 °C
−
10
mA
in free air; Tamb = 125 °C
−
2mA
Tamb
ambient operating temperature
−40
+125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com