Electronic Components Datasheet Search
  English  ▼

X  

KTY85-110 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # KTY85-110
Description  Silicon temperature sensors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

KTY85-110 Datasheet(HTML) 3 Page - NXP Semiconductors

  KTY85-110 Datasheet HTML 1Page - NXP Semiconductors KTY85-110 Datasheet HTML 2Page - NXP Semiconductors KTY85-110 Datasheet HTML 3Page - NXP Semiconductors KTY85-110 Datasheet HTML 4Page - NXP Semiconductors KTY85-110 Datasheet HTML 5Page - NXP Semiconductors KTY85-110 Datasheet HTML 6Page - NXP Semiconductors KTY85-110 Datasheet HTML 7Page - NXP Semiconductors KTY85-110 Datasheet HTML 8Page - NXP Semiconductors KTY85-110 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
1998 Mar 26
3
Philips Semiconductors
Product specification
Silicon temperature sensors
KTY85-1 series
CHARACTERISTICS
Tamb =25 °C, in liquid, unless otherwise specified.
Notes
1. The thermal time constant is the time taken for the sensor to reach 63.2% of the total temperature difference.
For example, if a sensor with a temperature of 25
°C is moved to an environment with an ambient temperature of
100
°C, the time for the sensor to reach a temperature of 72.4 °C is the thermal time constant.
2. Inert liquid, e.g. FC43 manufactured by the 3M company.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
R25
sensor resistance
Icont =1mA
KTY85-110
990
−
1010
Ω
KTY85-120
980
−
1020
Ω
KTY85-121
980
−
1000
Ω
KTY85-122
1000
−
1020
Ω
KTY85-150
950
−
1050
Ω
KTY85-151
950
−
1000
Ω
KTY85-152
1000
−
1050
Ω
TC
temperature coefficient
−
0.76
−
%/K
R100/R25
resistance ratio
Tamb = 100 °C and 25 °C
1.65
1.67
1.69
R−40/R25
resistance ratio
Tamb = −40 °C and 25 °C
0.569
0.577
0.585
τ
thermal time constant; note 1
in still air
−
20
−
s
in still liquid; note 2
−
1
−
s
in flowing liquid; note 2
−
0.5
−
s
rated temperature range
−40
−
+125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com