Electronic Components Datasheet Search
  English  ▼

X  

LM211DR Datasheet(PDF) 2 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # LM211DR
Description  High flexibility voltage comparator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

LM211DR Datasheet(HTML) 2 Page - Guangdong Youtai Semiconductor Co., Ltd.

  LM211DR Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. LM211DR Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. LM211DR Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. LM211DR Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. LM211DR Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. LM211DR Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. LM211DR Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Limit parameter (ta =+25
℃, untitled otherwise.)
Rating
Symbol
LM211
LM311
Unit
Total supply voltage
VCC +|VEE|
36
36
Vdc
Output to negative supply voltage
VO –VEE
50
40
Vdc
Ground to negative power supply
VEE
30
30
Vdc
Input differential voltage
VID
30
30
Vdc
Input voltage (Note 2)
Vin
15
15
Vdc
Strobe pin voltage gating
–
VCC to VCC–5 VCC to VCC–5
Vdc
Power consumption and
thermal characteristics
plastic packageDIP
Ta decreases when it
exceeds
25℃
PD
625
5.0
mW
mW/℃
operating ambient temperature
TA
–25 to +85
0 to +70
℃
operating junction temperature range
TJ(max)
+150
+150
℃
storage temperature
Tstg
–65 to +150
–65 to +150
℃
Electrical characteristics (VCC =+15 V, VEE =–15 V, TA = 25
℃, UNLESS Otherwise Noted [Note 1].)
Load referenced to negative
power supply
Load with reference to
positive power supply
Gating ability
≤
≤
–
–
20
–
–
70
Symbol
LM211
LM311
Unit
Min Typ Max Min Typ Max
RS ≤ 50 k , TA = +25℃
RS≤ 50 k , Tlow ≤TA ≤Thigh*
VIO
–
–
0.7
–
3.0
4.0
–
–
2.0
–
7.5
10
mV
TA = +25℃
Tlow≤ TA ≤Thigh*
IIO
–
–
1.7
–
10
20
–
–
1.7
–
50
70
nA
TA = +25℃ Tlow ≤ TA ≤Thigh*
IIB –
–
45
–
100
150
–
–
45
–
250
300
nA
AV
40 200
–
40 200
–
V/mV
parameter
Input offset voltage (Note 3)
Offset current (Note 3)
Input bias current
Voltage gain
www.umw-ic.com
2
UTD Semiconductor Co.,Limited
High flexibility voltage comparator
UMW
LM311 LM211
R



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com