Electronic Components Datasheet Search
  English  ▼

X  

LM211DR Datasheet(PDF) 3 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # LM211DR
Description  High flexibility voltage comparator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

LM211DR Datasheet(HTML) 3 Page - Guangdong Youtai Semiconductor Co., Ltd.

  LM211DR Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. LM211DR Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. LM211DR Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. LM211DR Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. LM211DR Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. LM211DR Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. LM211DR Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
parameter
Symbol
LM211
LM311
Unit
Min Typ Max Min Typ Max
Response time (Note 4)
– 200
–
– 200
–
ns
Output saturation pressure drop
VOL
V
VID
≤ –5.0 mV, Io = 50 mA, TA =25C VID≤ –10 mV, IO
–
0.75 1.5
–
–
–
= 50 mA, TA = 25C
–
–
–
–
0.75 1.5
VCC
≥ 4.5 V, VEE= 0, Tl ow≤ TA≤ Thigh* VID≤6.0 mV,
Isink
≤ 8.0 mA
–
0.23 0.4
–
–
–
VID≤10 mV
,
Isink
≤ 8.0 mA
–
–
–
–
0.23 0.4
Gated on current (Note 5)
IS
–
3.0
–
–
3.0
–
mA
Output leakage current
VID ≤ 5.0 mV, VO= 35 V, TA = 25℃, Istrobe= 3.0 mA VID
≤ 10 mV, VO= 35 V, TA = 25℃, Istrobe= 3.0 mA VID ≤ 5.0
mV, VO= 35 V, Tlow ≤ TA ≤Thigh*
–
–
–
0.2
–
0.1
10
–
0.5
–
–
–
–
0.2
–
–
50
–
nA nA
uA
Input voltage (tlow ≤ ta ≤ thick *)
VICR –14.5 –14.7
to
13.8
+13.0 –14.5 –14.7
to
13.8
+13.0 V
Positive supply current
ICC
– +2.4 +6.0
– +2.4 +7.5 mA
Negative supply current
IEE
– –1.3 –5.0
– –1.3 –5.0 mA
* Tlow=- 25 C corresponds to lm 211, and tlow = 0 c corresponds to LM311.
* Thigh=85 C corresponds to lm 211, and Thigh = 75 c corresponds to LM311.
NOTES:1. The specifications of offset voltage, offset current and bias current correspond to the power supply voltage of 5V
to ±15V.
2. This rating is for the case of ±15V power supply. The positive input voltage limit is 30V higher than the
negative power supply,and the negative input limit is equivalent to the negative power supply voltage, or
30V lower than the power supply, or whichever is smaller.
3.
Given offset voltage and offset current, it is required to drive a load with a maximum value of 1mA in any
power supply voltage range, and these parameters define the error range, thus taking the worst case of
voltage gain and input impedance into account.
4.
The specified response time is 100Mv input plus 5MV overdrive signal.
5.
Don't directly ground the STROBE pin, it needs to be driven by 3mA~5mA current.
www.umw-ic.com
3
UTD Semiconductor Co.,Limited
High flexibility voltage comparator
UMW
LM311 LM211
R



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com