Electronic Components Datasheet Search
  English  ▼

X  

EM6AA320 Datasheet(PDF) 11 Page - Etron Technology, Inc.

Part # EM6AA320
Description  8M x 32 DDR SDRAM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.

EM6AA320 Datasheet(HTML) 11 Page - Etron Technology, Inc.

Back Button EM6AA320 Datasheet HTML 7Page - Etron Technology, Inc. EM6AA320 Datasheet HTML 8Page - Etron Technology, Inc. EM6AA320 Datasheet HTML 9Page - Etron Technology, Inc. EM6AA320 Datasheet HTML 10Page - Etron Technology, Inc. EM6AA320 Datasheet HTML 11Page - Etron Technology, Inc. EM6AA320 Datasheet HTML 12Page - Etron Technology, Inc. EM6AA320 Datasheet HTML 13Page - Etron Technology, Inc. EM6AA320 Datasheet HTML 14Page - Etron Technology, Inc. EM6AA320 Datasheet HTML 15Page - Etron Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
EtronTech
8Mx32 DDR SDRAM
EM6AA320
11
Rev 0.6
May 2006
Decoupling Capacitance Guide Line
Symbol
Parameter
Value
Unit
CDC1
Decouping Capacitance between VDD and VSS
0.1+0.01
uF
CDC2
Decouping Capacitance between VDDQ and VSSQ
0.1+0.01
uF
AC Input Operating Conditions
(VDD = 2.8V
± 5%, TA = 0~70 °C)
Symbol
Parameter
Min
Max
Unit
Note
VIH
Input High Voltage; DQ
VREF+0.4
-
V
VIL
Input Low Voltage; DQ
-
VREF-0.4
V
VID
Clock Input Differential Voltage; Ck & CK#
0.8
VDDQ+0.6
V
VIX
Clock Input Crossing Point Voltage; Ck & CK#
0.5xVDDQ-0.2
0.5xVDDQ+0.2
V
AC Operating Test Conditions
(VDD = 2.8V
± 5%, TA = 0~70 °C)
Reference Level of Output Signals (VRFE)
0.5 x VDDQ
CK & CK# signal maximum peak swing
1.5V
Output Load
See Figure. A Test Load
Input Signal Levels
VREF+0.4 V / VREF-0.4 V
Input Signals Slew Rate
1 V/ns
Input timing measurement reference level
VREF
Output timing measurement reference level
VTT
Reference Level of Input Signals
0.5 x VDDQ
Figure A. Test Load
50
Ω
DQ,DQS
30pF
VTT=0.5 x VDDQ
Z0=50 W
VREF=0.5 x VDDQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com