Electronic Components Datasheet Search
  English  ▼

X  

EM6AA320 Datasheet(PDF) 2 Page - Etron Technology, Inc.

Part # EM6AA320
Description  8M x 32 DDR SDRAM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.

EM6AA320 Datasheet(HTML) 2 Page - Etron Technology, Inc.

  EM6AA320 Datasheet HTML 1Page - Etron Technology, Inc. EM6AA320 Datasheet HTML 2Page - Etron Technology, Inc. EM6AA320 Datasheet HTML 3Page - Etron Technology, Inc. EM6AA320 Datasheet HTML 4Page - Etron Technology, Inc. EM6AA320 Datasheet HTML 5Page - Etron Technology, Inc. EM6AA320 Datasheet HTML 6Page - Etron Technology, Inc. EM6AA320 Datasheet HTML 7Page - Etron Technology, Inc. EM6AA320 Datasheet HTML 8Page - Etron Technology, Inc. EM6AA320 Datasheet HTML 9Page - Etron Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
EtronTech
EM6AA320
Etron Technology, Inc.
No. 6, Technology Rd. V, Science-Based Industrial Park, Hsinchu, Taiwan 30077, R.O.C.
TEL: (886)-3-5782345
FAX: (886)-3-5778671
Etron Technology, Inc., reserves the right to make changes to its products and specifications without notice.
8M x 32 DDR SDRAM
Preliminary (Rev 0.6 5/2006)
Features
• Fast clock rate: 300/275/250/200 MHz
• Differential Clock CK & CK# input
• 4 Bi-directional DQS. Data transactions on both
edges of DQS (1DQS / Byte)
• DLL aligns DQ and DQS transitions
• Edge aligned data & DQS output
• Center aligned data & DQS input
• 4 banks operation
• Programmable mode and extended mode
registers
- CAS# Latency: 3, 4, 5
- Burst length: 2, 4, 8
- Burst Type: Sequential & Interleave
• Full page burst length for sequential type only
• Start address of full page burst should be even
• All inputs except DQ’s & DM are at the positive
edge of the system clock
• No Write-Interrupted by Read function
• 4 individual DM control for write masking only
• Auto Refresh and Self Refresh
• 4096 refresh cycles / 32ms
• Power supplies :
VDD = 2.8V
± 5%
VDDQ = 2.8V
± 5%
• Interface : SSTL_2 I/O compatible
• Standard 144-ball FBGA package
Overview
The EM6AA320 DDR SDRAM is a high-speed CMOS
double data rate synchronous DRAM containing 256
Mbits. It is internally configured as a quad 2M x 32
DRAM with a synchronous interface (all signals are
registered on the positive edge of the clock signal, CK).
Data outputs occur at both rising edges of CK and CK#.
Read and write accesses to the SDRAM are burst
oriented; accesses start at a selected location and
continue for a programmed number of locations in a
programmed sequence.
Accesses begin with the registration of a BankActivate
command, which is then followed by a Read or Write
command.
The EM6AA320 provides programmable Read or Write
burst lengths of 2, 4, 8. An auto precharge function may
be enabled to provide a self-timed row precharge that is
initiated at the end of the burst sequence.
The refresh functions, either Auto or Self Refresh are
easy to use.
In addition, EM6AA320 features programmable DLL
option. By having a programmable mode register and
extended mode register, the system can choose the
most suitable modes to maximize its performance.
These devices are well suited for applications requiring
high memory bandwidth, result in a device particularly
well suited to high performance main memory and
graphics applications.
Ordering Information
Part Number
Frequency
Power Supply
Package
EM6AA320BI-3.3S
(*)
300MHz
EM6AA320BI-3.6S
(*)
275MHz
EM6AA320BI-4S
(*)
250MHz
EM6AA320BI-5S
(*)
200MHz
VDD 2.8V
VDDQ 2.8V
FBGA
* : S indicates stack die package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com