Electronic Components Datasheet Search
  English  ▼

X  

IRLL110 Datasheet(PDF) 2 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # IRLL110
Description  100V N-Channel MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

IRLL110 Datasheet(HTML) 2 Page - Guangdong Youtai Semiconductor Co., Ltd.

  IRLL110 Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. IRLL110 Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. IRLL110 Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. IRLL110 Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. IRLL110 Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. IRLL110 Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. IRLL110 Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. IRLL110 Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Note
a. When mounted on 1" square PCB (FR-4 or G-10 material).
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. Pulse width
 300 μs; duty cycle  2 %.
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
TYP.
MAX.
UNIT
Maximum Junction-to-Ambient
(PCB Mount) a
RthJA
-60
°C/W
Maximum Junction-to-Case (Drain)
RthJC
-40
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 μA
100
-
-
V
VDS Temperature Coefficient
V
DS/TJ
Reference to 25 °C, ID = 1 mA
-
0.12
-
V/°C
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 μA
1.0
-
2.0
V
Gate-Source Leakage
IGSS
VGS = ± 10 V
-
-
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 100 V, VGS = 0 V
-
-
25
μA
VDS = 80 V, VGS = 0 V, TJ = 125 °C
-
-
250
Drain-Source On-State Resistance
RDS(on)
VGS = 5.0 V
ID = 0.90 Ab
VGS = 4.0 V
ID = 0.75 A
Forward Transconductance
gfs
VDS = 25 V, ID = 0.90 A
0.57
-
-
S
Dynamic
Input Capacitance
Ciss
VGS = 0 V,
VDS = 25 V,
f = 1.0 MHz, see fig. 5
-
250
-
pF
Output Capacitance
Coss
-80
-
Reverse Transfer Capacitance
Crss
-15
-
Total Gate Charge
Qg
VGS = 5.0 V
ID = 5.6 A, VDS = 80 V,
see fig. 6 and 13b
--
6.1
nC
Gate-Source Charge
Qgs
--
2.6
Gate-Drain Charge
Qgd
--
3.3
Turn-On Delay Time
td(on)
VDD = 50 V, ID = 5.6 A,
Rg = 12 , RD = 8.4 
-9.3
-
ns
Rise Time
tr
-47
-
Turn-Off Delay Time
td(off)
-16
-
Fall Time
tf
-18
-
Internal Drain Inductance
LD
Between lead,
6 mm (0.25") from
package and center of
die contact
-4.0
-
nH
Internal Source Inductance
LS
-6.0
-
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
MOSFET symbol
showing the
integral reverse
p - n junction diode
--
1.5
A
Pulsed Diode Forward Current a
ISM
--
12
Body Diode Voltage
VSD
TJ = 25 °C, IS = 1.5 A, VGS = 0 Vb
--
2.5
V
Body Diode Reverse Recovery Time
trr
TJ = 25 °C, IF = 5.6 A, dI/dt = 100 A/μsb
-
110
130
ns
Body Diode Reverse Recovery Charge
Qrr
-0.50
0.65
μC
Forward Turn-On Time
ton
Intrinsic turn-on time is negligible (turn-on is dominated by LS and LD)
D
S
G
S
D
G
54
76
UMW
IRLL110
R
100V N-Channel MOSFET
m
www.umw-ic.com
2
UTD Semiconductor Co.,Limited



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com