Electronic Components Datasheet Search
  English  ▼

X  

IRLL110 Datasheet(PDF) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # IRLL110
Description  100V N-Channel MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

IRLL110 Datasheet(HTML) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

  IRLL110 Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. IRLL110 Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. IRLL110 Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. IRLL110 Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. IRLL110 Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. IRLL110 Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. IRLL110 Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. IRLL110 Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
FEATURES
• Surface mount
• Available in tape and reel
• Dynamic dV/dt rating
• Repetitive avalanche rated
• Logic-level gate drive
•RDS(on) specified at VGS = 4 V and 5 V
• Fast switching
• Material categorization: for definitions of compliance
DESCRIPTION
The SOT-223 package is designed for surface-mounting
using vapor phase, infrared, or wave soldering techniques.
Its unique package design allows for easy automatic
pick-and-place as with other SOT or SOIC packages but
has the added advantage of improved thermal performance
due to an enlarged tab for heatsinking. Power dissipation of
greater than 1.25 W is possible in a typical surface mount
application.
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. VDD = 25 V, starting TJ = 25 °C, L = 25 mH, Rg = 25 , IAS = 1.5 A (see fig. 12).
c. ISD  5.6 A, dI/dt  75 A/μs, VDD  VDS, TJ  150 °C.
d. 1.6 mm from case.
e. When mounted on 1" square PCB (FR-4 or G-10 material).
N-Channel MOSFET
G
D
S
ABSOLUTE MAXIMUM RATINGS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
100
V
Gate-Source Voltage
VGS
± 10
Continuous Drain Current
VGS at 5.0 V
TC = 25 °C
ID
1.5
A
TC = 100 °C
0.93
Pulsed Drain Current a
IDM
12
Linear Derating Factor
0.025
W/°C
Linear Derating Factor (PCB Mount) e
0.017
Single Pulse Avalanche Energy b
EAS
50
mJ
Repetitive Avalanche Current a
IAR
1.5
A
Repetitive Avalanche Energy a
EAR
0.31
mJ
Maximum Power Dissipation
TC = 25 °C
PD
3.1
W
Maximum Power Dissipation (PCB Mount) e
TA = 25 °C
2.0
Peak Diode Recovery dV/dt c
dV/dt
5.5
V/ns
Operating Junction and Storage Temperature Range
TJ, Tstg
-55 to +150
°C
Soldering Recommendations (Peak Temperature) d
for 10 s
300
UMW
IRLL110
R
100V N-Channel MOSFET
VDS(V) = 100V
RDS(ON) < 54mΩ (V GS = 5V)
RDS(ON) < 76mΩ (V GS = 4V)
•
•
•
www.umw-ic.com
1
UTD Semiconductor Co.,Limited


Similar Part No. - IRLL110

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLL110 IRF-IRLL110 Datasheet
217Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=0.54ohm, Id=1.5A)
logo
Vishay Siliconix
IRLL110 VISHAY-IRLL110 Datasheet
1Mb / 8P
Power MOSFET
07-Jul-08
logo
International Rectifier
IRLL110PBF IRF-IRLL110PBF Datasheet
203Kb / 8P
HEXFET짰 Power MOSFET
logo
Vishay Siliconix
IRLL110PBF VISHAY-IRLL110PBF Datasheet
1Mb / 8P
Power MOSFET
07-Jul-08
IRLL110TR VISHAY-IRLL110TR Datasheet
1Mb / 8P
Power MOSFET
07-Jul-08
More results

Similar Description - IRLL110

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQH140N10 FAIRCHILD-FQH140N10 Datasheet
679Kb / 8P
100V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3442 AOSMD-AO3442 Datasheet
500Kb / 5P
100V N-Channel MOSFET
AOB410L AOSMD-AOB410L Datasheet
319Kb / 7P
100V N-Channel MOSFET
AO4482 AOSMD-AO4482 Datasheet
204Kb / 6P
100V N-Channel MOSFET
AOD478 AOSMD-AOD478 Datasheet
427Kb / 6P
100V N-Channel MOSFET
AON2290 AOSMD-AON2290 Datasheet
227Kb / 5P
100V N-Channel MOSFET
AON6290 AOSMD-AON6290 Datasheet
271Kb / 6P
100V N-Channel MOSFET
AON6450 AOSMD-AON6450_11 Datasheet
279Kb / 7P
100V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com