Electronic Components Datasheet Search
  English  ▼

X  

LLE18040X Datasheet(PDF) 2 Page - NXP Semiconductors

Part # LLE18040X
Description  NPN microwave power transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LLE18040X Datasheet(HTML) 2 Page - NXP Semiconductors

  LLE18040X Datasheet HTML 1Page - NXP Semiconductors LLE18040X Datasheet HTML 2Page - NXP Semiconductors LLE18040X Datasheet HTML 3Page - NXP Semiconductors LLE18040X Datasheet HTML 4Page - NXP Semiconductors LLE18040X Datasheet HTML 5Page - NXP Semiconductors LLE18040X Datasheet HTML 6Page - NXP Semiconductors LLE18040X Datasheet HTML 7Page - NXP Semiconductors LLE18040X Datasheet HTML 8Page - NXP Semiconductors LLE18040X Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1999 Apr 22
2
Philips Semiconductors
Product specification
NPN microwave power transistor
LLE18040X
FEATURES
Diffused emitter ballasting resistors
providing excellent current sharing
and withstanding a high VSWR
• Interdigitated structure provides
high emitter efficiency
• Gold metallization realizes very
good stability of the characteristics
and excellent lifetime
• Multicell geometry gives good
balance of dissipated power and
low thermal resistance
• Internal input prematching ensures
good stability and allows an easier
design of wideband circuits.
APPLICATION
Intended for use in common emitter,
class AB amplifiers in CW conditions
for professional applications between
1.7 GHz and 2 GHz.
DESCRIPTION
NPN silicon planar epitaxial
microwave power transistor in a
SOT437A glued cap metal ceramic
flange package, with emitter
connected to flange.
QUICK REFERENCE DATA
Microwave performance up to Tmb =25 °C in a common emitter class AB
amplifier.
PINNING - SOT437A
MODE OF
OPERATION
f
(GHz)
VCE
(V)
ICQ
(A)
PL1
(W)
Gpo
(dB)
ηC
(%)
Zi; ZL
(
Ω)
Class AB (CW) 1.85
24
0.04
≥4
≥8.5
typ. 48 see Figs
8 and 9
PIN
DESCRIPTION
1
collector
2
base
3
emitter connected to flange
Fig.1 Simplified outline and symbol.
handbook, 4 columns
1
2
3
Top view
e
c
b
MAM112
WARNING
Product and environmental safety - toxic materials
This product contains beryllium oxide. The product is entirely safe provided that the BeO disc is not damaged.
All persons who handle, use or dispose of this product should be aware of its nature and of the necessary safety
precautions. After use, dispose of as chemical or special waste according to the regulations applying at the location of
the user. It must never be thrown out with the general or domestic waste.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com