Electronic Components Datasheet Search
  English  ▼

X  

LLE18040X Datasheet(PDF) 3 Page - NXP Semiconductors

Part # LLE18040X
Description  NPN microwave power transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LLE18040X Datasheet(HTML) 3 Page - NXP Semiconductors

  LLE18040X Datasheet HTML 1Page - NXP Semiconductors LLE18040X Datasheet HTML 2Page - NXP Semiconductors LLE18040X Datasheet HTML 3Page - NXP Semiconductors LLE18040X Datasheet HTML 4Page - NXP Semiconductors LLE18040X Datasheet HTML 5Page - NXP Semiconductors LLE18040X Datasheet HTML 6Page - NXP Semiconductors LLE18040X Datasheet HTML 7Page - NXP Semiconductors LLE18040X Datasheet HTML 8Page - NXP Semiconductors LLE18040X Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
1999 Apr 22
3
Philips Semiconductors
Product specification
NPN microwave power transistor
LLE18040X
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Up to 0.2 mm from ceramic.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−
45
V
VCER
collector-emitter voltage
RBE = 220 Ω−
30
V
VCEO
collector-emitter voltage
open base
−
15
V
VEBO
emitter-base voltage
open collector
−
3V
IC
collector current (DC)
−
0.5
A
Pi
input power
f = 1.85 GHz; VCE = 24 V; class AB −
1W
Ptot
total power dissipation
Tmb =75 °C
−
11
W
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
200
°C
Tsld
soldering temperature
t
≤ 10 s; 1
−
235
°C
Tmb ≤ 75 °C.
(I) Region of permissible DC operation.
(II) Permissible extension provided RBE ≤ 220 Ω.
Fig.2 DC SOAR.
handbook, halfpage
10 2
MBD744
10
1
10 2
1
10 1
V
(V)
CE
I C
(A)
ΙΙΙ
Fig.3 Power derating curve.
handbook, halfpage
0
50
100
200
5
0
MBD745
150
T
( C)
o
mb
Ptot
(W)
10
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com