Electronic Components Datasheet Search
  English  ▼

X  

AM29LV640D Datasheet(PDF) 56 Page - Advanced Micro Devices

Part # AM29LV640D
Description  64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileIO??Control
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV640D Datasheet(HTML) 56 Page - Advanced Micro Devices

Back Button AM29LV640D Datasheet HTML 49Page - Advanced Micro Devices AM29LV640D Datasheet HTML 50Page - Advanced Micro Devices AM29LV640D Datasheet HTML 51Page - Advanced Micro Devices AM29LV640D Datasheet HTML 52Page - Advanced Micro Devices AM29LV640D Datasheet HTML 53Page - Advanced Micro Devices AM29LV640D Datasheet HTML 54Page - Advanced Micro Devices AM29LV640D Datasheet HTML 55Page - Advanced Micro Devices AM29LV640D Datasheet HTML 56Page - Advanced Micro Devices AM29LV640D Datasheet HTML 57Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 56 / 57 page
background image
54
Am29LV640D/Am29LV641D
22366C6 January 22, 2007
D A TA
SH EET
Test Conditions
Test Conditions table: Redefined output timing mea-
surement reference level as 0.5 V
IO.
Added note to table and figure.
Erase and Program Operations table, Alternate
CE# Controlled Erase and Program Operations
table, Erase and Programming Performance table
Changed the typical sector erase time to 1.6 s.
AC Characteristics—Figure 15. Program
Operations Timing and Figure 17. Chip/Sector
Erase Operations
Deleted t
GHWL and changed OE# waveform to start at
high.
Physical Dimensions
Replaced figures with more detailed illustrations.
Revision B+1 (August 4, 2000)
Global
Added trademarks for SecSi Sector.
Accelerated Program Operation (page 11), Unlock
Bypass Command Sequence (page 25)
Added caution note regarding ACC pin.
Absolute Maximum Ratings
Corrected the maximum voltage on V
IO to +5.5V.
DC Characteristics table
Added WP# = V
IH to test conditions for standby cur-
rents I
CC3, ICC4, ICC5.
Revision B+2 (October 18, 2000)
Distinctive Characteristics
Corrected package options for 56-pin SSOP as being
available on Am29LV640DH/DL only.
Revision B+3 (January 18, 2001)
Global
Deleted “Preliminary” status from document.
General Description
In the second paragraph, corrected references to V
IO
voltage ranges. The 90 and 120 speeds are available
where V
IO ≥ VCC, and 100 and 120 ns speeds are avail-
able where V
IO < VCC.
Revision B+4 (March 8, 2001)
Table 4, Sector Group Protection/Unprotection
Address Table
Corrected the sector group address bits for sectors
64–127.
Revision B+5 (October 11, 2001)
Connection Diagrams, Ordering Information,
Physical Dimensions
Added 64-ball Fortified BGA package information.
Revision B+6 (January 10, 2002)
Global
Clarified description of VersatileIO (V
IO) in the follow-
ing sections: Distinctive Characteristics; General De-
scription; VersatileIO (V
IO) Control; Operating Ranges;
DC Characteristics; CMOS compatible.
Reduced typical sector erase time from 1.6 s to 0.9 s.
DC Characteristics
Changed minimum V
OH1 from 0.85VIO to 0.8VIO. De-
leted reference to Note 6 for both V
OH1 and VOH2.
Erase and Program Performance table
Reduced typical sector erase time from 1.6 s to 0.9 s.
Changed typical chip program time from 90 s to 115 s.
Revision B+7 (April 15, 2002)
Ordering Information
Added N designator for Fortified BGA package mark-
ings.
Common Flash Interface (CFI)
Revised data value at address 44h. Clarified descrip-
tion of data for addresses 45–47h, 49, 4A, 4D–4Fh.
Table 10, Command Definitions
Clarified and combined Notes 4 and 5 into Note 4.
Revision B+8 (September 20, 2002)
Sector Erase Command Sequence
Changed sentence arrangement in fourth paragraph.
Revision B+9 (March 3, 2004)
Table 10, Command Definitions
Revised SecSi Sector Factory Protect (note 8) com-
mand definitions.
Revision B+10 (April 5, 2004)
Command Definitions
Changed first Address data for Erase Suspend/Re-
sume from BA to XXX.
Revision C (June 4, 2004)
Ordering Information
Added Pb-free OPNs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com