Electronic Components Datasheet Search
  English  ▼

X  

AM29LV640D Datasheet(PDF) 6 Page - Advanced Micro Devices

Part # AM29LV640D
Description  64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileIO??Control
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV640D Datasheet(HTML) 6 Page - Advanced Micro Devices

Back Button AM29LV640D Datasheet HTML 2Page - Advanced Micro Devices AM29LV640D Datasheet HTML 3Page - Advanced Micro Devices AM29LV640D Datasheet HTML 4Page - Advanced Micro Devices AM29LV640D Datasheet HTML 5Page - Advanced Micro Devices AM29LV640D Datasheet HTML 6Page - Advanced Micro Devices AM29LV640D Datasheet HTML 7Page - Advanced Micro Devices AM29LV640D Datasheet HTML 8Page - Advanced Micro Devices AM29LV640D Datasheet HTML 9Page - Advanced Micro Devices AM29LV640D Datasheet HTML 10Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 57 page
background image
4
Am29LV640D/Am29LV641D
22366C6 January 22, 2007
D A TA
SH EET
PRODUCT SELECTOR GUIDE
Note: See “AC Characteristics” for full specifications.
BLOCK DIAGRAM
Notes:
1. RY/BY# is only available in the FBGA package.
2. WP# is only available in the TSOP and SSOP packages.
Part Number
Am29LV640D/Am29LV641D
Speed Option
VCC = 3.0–3.6 V, VIO = 3.0–5.0 V
90R
120R
VCC = 3.0–3.6 V, VIO = 1.8–2.9 V
121R
Max Access Time (ns)
90
120
CE# Access Time (ns)
90
120
OE# Access Time (ns)
35
50
Input/Output
Buffers
X-Decoder
Y-Decoder
Chip Enable
Output Enable
Logic
Erase Voltage
Generator
PGM Voltage
Generator
Timer
VCC Detector
State
Control
Command
Register
V
CC
V
SS
WE#
WP#
(Note 2)
ACC
CE#
OE#
STB
STB
DQ0
–DQ15
Sector Switches
RY/BY# (Note 1)
RESET#
Data
Latch
Y-Gating
Cell Matrix
A0–A21
V
IO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com