Electronic Components Datasheet Search
  English  ▼

X  

LLE18150X Datasheet(PDF) 3 Page - NXP Semiconductors

Part # LLE18150X
Description  NPN silicon planar epitaxial microwave power transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LLE18150X Datasheet(HTML) 3 Page - NXP Semiconductors

  LLE18150X Datasheet HTML 1Page - NXP Semiconductors LLE18150X Datasheet HTML 2Page - NXP Semiconductors LLE18150X Datasheet HTML 3Page - NXP Semiconductors LLE18150X Datasheet HTML 4Page - NXP Semiconductors LLE18150X Datasheet HTML 5Page - NXP Semiconductors LLE18150X Datasheet HTML 6Page - NXP Semiconductors LLE18150X Datasheet HTML 7Page - NXP Semiconductors LLE18150X Datasheet HTML 8Page - NXP Semiconductors LLE18150X Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
September 1994
3
Philips Semiconductors
Product specification
NPN silicon planar epitaxial
microwave power transistor
LLE18150X
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Up to 0.2 mm from ceramic.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−
45
V
VCER
collector-emitter voltage
RBE = 220 Ω−
30
V
VCEO
collector-emitter voltage
open base
−
22
V
VEBO
emitter-base voltage
open collector
−
3V
IC
DC collector current
−
3A
Pi
input power
f = 1.85 GHz; VCE = 24 V; class AB −
4W
Ptot
total power dissipation
Tmb =75 °C
−
25
W
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
200
°C
Tsld
soldering temperature
t
≤ 10 s; note 1
−
235
°C
Fig.2 Power derating curve.
0
50
100
200
10
0
MBD741
150
T
( C)
o
mb
Ptot
(W)
20
30



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com