Electronic Components Datasheet Search
  English  ▼

X  

LLE18300 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # LLE18300
Description  NPN microwave power transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LLE18300 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button LLE18300 Datasheet HTML 2Page - NXP Semiconductors LLE18300 Datasheet HTML 3Page - NXP Semiconductors LLE18300 Datasheet HTML 4Page - NXP Semiconductors LLE18300 Datasheet HTML 5Page - NXP Semiconductors LLE18300 Datasheet HTML 6Page - NXP Semiconductors LLE18300 Datasheet HTML 7Page - NXP Semiconductors LLE18300 Datasheet HTML 8Page - NXP Semiconductors LLE18300 Datasheet HTML 9Page - NXP Semiconductors LLE18300 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
1999 Apr 22
6
Philips Semiconductors
Product specification
NPN microwave power transistor
LLE18300X
List of components (see Figs 4 and 5).
Notes
1. In thermal contact with TR1.
2. In thermal contact with DUT.
COMPONENT
DESCRIPTION
VALUE
ORDERING INFORMATION
TR1
transistor, BDT91 or equivalent
C1, C4
DC blocking chip capacitor
100 pF
ATC 100A101kp
C2, C3
trimmer capacitor
0.5 to 5.0 pF
Tekelec 727-1
C5, C6
feedthrough bypass capacitor
1500 pF
Erie 1250-003
C7
electrolytic capacitor
10
µF, >30 V
D1
diode BY239 or equivalent; 1
D2
diode BY239 or equivalent; 2
L1
4 turns 0.5 mm copper wire;
internal diameter = 2 mm
L2
3 turns 0.5 mm copper wire;
internal diameter = 2 mm
P1
linear potentiometer
4.7 k
Ω
R1
resistor
100
Ω, 0.25 W
R2
resistor
10 k
Ω, 0.25 W
R3
resistor
56
Ω, 0.25 W
F1
ferrite bead
Philips tube, 12NC = 4330 030 43081
4.2 x 2.2 x 3.2 mm (4B1)
Rr
copper rivet
Fig.5 Class AB bias circuit.
handbook, full pagewidth
MEA600
C5
C6
L2
DUT
L1
C7
R3
D1
D2
P1
F1
R2
R1
TR1
VCC
BIAS CIRCUIT
PREMATCHING TEST
CIRCUIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com