Electronic Components Datasheet Search
  English  ▼

X  

LLE18300 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # LLE18300
Description  NPN microwave power transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LLE18300 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button LLE18300 Datasheet HTML 4Page - NXP Semiconductors LLE18300 Datasheet HTML 5Page - NXP Semiconductors LLE18300 Datasheet HTML 6Page - NXP Semiconductors LLE18300 Datasheet HTML 7Page - NXP Semiconductors LLE18300 Datasheet HTML 8Page - NXP Semiconductors LLE18300 Datasheet HTML 9Page - NXP Semiconductors LLE18300 Datasheet HTML 10Page - NXP Semiconductors LLE18300 Datasheet HTML 11Page - NXP Semiconductors LLE18300 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
1999 Apr 22
9
Philips Semiconductors
Product specification
NPN microwave power transistor
LLE18300X
PACKAGE OUTLINE
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
SOT437A
99-03-29
0
5
10 mm
scale
Flanged ceramic package; 2 mounting holes; 2 leads
SOT437A
0.13
0.08
1.66
1.40
6.48
6.22
1.65
1.40
17.02
16.00
DIMENSIONS (millimetre dimensions are derived from the original inch dimensions)
3.43
3.18
4.98
4.32
2.29
2.03
D
D1
U1
1
3
2
A
U2
E
E1
p
b
H
Q
F
c
UNIT
Q
cD
6.48
6.22
E
FH
p
q
mm
b
14.22
19.02
18.77
U2
U1
6.48
6.22
0.25
w1
0.51
0.005
0.003
0.065
0.055
0.255
0.245
0.065
0.055
0.67
0.63
0.135
0.125
0.196
0.170
0.90
0.80
0.255
0.245
6.48
6.22
D1
6.48
6.22
E1
0.255
0.245
0.255
0.245
inches
0.560
0.749
0.739
0.255
0.245
0.010 0.020
w2
A
M
M
C
C
A
w1
w2
AB
M
M
M
q
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com