Electronic Components Datasheet Search
  English  ▼

X  

OP07 Datasheet(PDF) 3 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # OP07
Description  Low offset single operational amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

OP07 Datasheet(HTML) 3 Page - Guangdong Youtai Semiconductor Co., Ltd.

  OP07 Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. OP07 Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. OP07 Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. OP07 Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. OP07 Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
u Guoxin
semiconductor co., ltd
togethe
r 4 page
10K
10K
10K
V+
FD333
D1
V+
Vin
±10V
R1
10K
2
3
-
+
6
2
3
-
+
6
Vo
GND
OP07
FD333
D2
0V to 10V
OP07
V-
V-
R2
Vopp
Output
RL =
10kΩ
RL = 2kΩ
±12
±11.5
V
GBP
Gain bandwidth
RL
= 2kΩ, CL= 100pF, f = 100KHz)
0.5
MHz
ICC
Powersupplycurrent(noload)
0°C < Tamb< 70°C
VCC = ±3V
3.8
1
6
7
3
mA
Typical application diagram
R3
SensingJunction
R1
GND
V+
2 -
6
Vo
3+
R2
ReferenceJunction
OP07
R4
V-
R1/R3=R2/R4
GND
High stability thermocouple amplification
R3
R4
R3
10K
Precision absolute value circuit
Low offset single operational amplifier
UMW
R
OP07
www.umw-ic.com
3
UTD Semiconductor Co.,Limited



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com