Electronic Components Datasheet Search
  English  ▼

X  

OP07 Datasheet(PDF) 4 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # OP07
Description  Low offset single operational amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

OP07 Datasheet(HTML) 4 Page - Guangdong Youtai Semiconductor Co., Ltd.

  OP07 Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. OP07 Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. OP07 Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. OP07 Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. OP07 Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
u Guoxin
semiconductor co., ltd
togethe
r 4 page
Low offset single operational amplifier
UMW
R
OP07
PACKAGE OUTLINE DIMENSIONS
SOP-8
www.umw-ic.com
4
UTD Semiconductor Co.,Limited
Min
Max
Min
Max
A
1.350
1.750
0.053
0.069
A1
0.100
0.250
0.004
0.010
A2
1.350
1.550
0.053
0.061
b
0.330
0.510
0.013
0.020
c
0.170
0.250
0.006
0.010
D
4.700
5.100
0.185
0.200
E
3.800
4.000
0.150
0.157
E1
5.800
6.200
0.228
0.244
e
L
0.400
1.270
0.016
0.050
θ
0°8°0°8°
Dimensions In Millimeters
Dimensions In Inches
Symbol
1.270(BSC)
0.050(BSC)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com