Electronic Components Datasheet Search
  English  ▼

X  

P6SMB Datasheet(PDF) 2 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # P6SMB
Description  Low profile package
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

P6SMB Datasheet(HTML) 2 Page - Guangdong Youtai Semiconductor Co., Ltd.

  P6SMB Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. P6SMB Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. P6SMB Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. P6SMB Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Notes
(1) Pulse test: tp
≤ 50 ms
(2) Surge current waveform per fig. 3 and derate per fig. 2
(3) For bi-directional types with VWM of 10 V and less, the ID limit is doubled
(4) All terms and symbols are consistent with ANSI/IEEE CA62.35
(5) V F= 3.5 V at I F= 50 A (uni-directional only)
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
www.umw-ic.com
2
友台半导体有限公司
友台半导体有限公司
U
MW P6SMB Series
UMW
R
R
UMW
R
R
P6SMB6.8A(CA)
6V8A
6V8C
6.45
7.14
10
5.8
1000
57.1
10.5
0.057
P6SMB7.5A(CA)
7V5A
7V5C
7.13
7.88
10
6.4
500
53.1
11.3
0.061
P6SMB8.2A(CA)
8V2A
8V2C
7.79
8.61
10
7.02
200
49.6
12.1
0.065
P6SMB9.1A(CA)
9V1A
9V1C
8.65
9.55
1
7.78
50
44.8
13.4
0.068
P6SMB10A(CA)
10A
10C
9.5
10.5
1
8.55
10
41.4
14.5
0.073
P6SMB11A(CA)
11A
11C
10.5
11.6
1
9.4
5
38.5
15.6
0.075
P6SMB12A(CA)
12A
12C
11.4
12.6
1
10.2
5
35.9
16.7
0.078
P6SMB13A(CA)
13A
13C
12.4
13.7
1
11.1
5
33
18.2
0.081
P6SMB15A(CA)
15A
15C
14.3
15.8
1
12.8
1
28.3
21.2
0.084
P6SMB16A(CA)
16A
16C
15.2
16.8
1
13.6
1
26.7
22.5
0.086
P6SMB18A(CA)
18A
18C
17.1
18.9
1
15.3
1
23.8
25.2
0.088
P6SMB20A(CA)
20A
20C
19
21
1
17.1
1
21.7
27.7
0.09
P6SMB22A(CA)
22A
22C
20.9
23.1
1
18.8
1
19.6
30.6
0.092
P6SMB24A(CA)
24A
24C
22.8
25.2
1
20.5
1
18.1
33.2
0.094
P6SMB27A(CA)
27A
27C
25.7
28.4
1
23.1
1
16
37.5
0.096
P6SMB30A(CA)
30A
30C
28.5
31.5
1
25.6
1
14.5
41.4
0.097
P6SMB33A(CA)
33A
33C
31.4
34.7
1
28.2
1
13.1
45.7
0.098
P6SMB36A(CA)
36A
36C
34.2
37.8
1
30.8
1
12
49.9
0.099
P6SMB39A(CA)
39A
39C
37.1
41
1
33.3
1
11.1
53.9
0.1
P6SMB43A(CA)
43A
43C
40.9
45.2
1
36.8
1
10.1
59.3
0.101
P6SMB47A(CA)
47A
47C
44.7
49.4
1
40.2
1
9.3
64.8
0.101
P6SMB51A(CA)
51A
51C
48.5
53.6
1
43.6
1
8.6
70.1
0.102
P6SMB56A(CA)
56A
56C
53.2
58.8
1
47.8
1
7.8
77
0.103
P6SMB62A(CA)
62A
62C
PART NUMBER
DEVICE
MARKING
CODE
BREAKDOWN
VOLTAGE
VBR AT IT (1)
TEST
CURRENT
I
(mA)
STAND-OFF
VOLTAGE
V
(V)
MAXIMUM
REVERSE
LEAKAGE
AT V
I
(μA)
MAXIMUM
PEAK
PULSE
CURRENT
I
(A)
MAXIMUM
CLAMPING
VOLTAGE
AT I
V (V)
MAXIMUM
TEMPERAT
URE
OF V
(%/°C)
UNI
BI
MIN.
MAX.
T
WM
WM
D
PPM
PPM
C
BR
(3)
(2)
58.9
65.1
1
53
1
7.1
85
0.104
P6SMB68A(CA)
68A
68C
64.6
71.4
1
58.1
1
6.5
92
0.104
P6SMB75A(CA)
75A
75C
71.3
78.8
1
64.1
1
5.8
103
0.105
P6SMB82A(CA)
82A
82C
77.9
86.1
1
70.1
1
5.3
113
0.105
P6SMB91A(CA)
91A
91C
86.5
95.5
1
77.8
1
4.8
125
0.106
P6SMB100A(CA)
100A
100C
95
105
1
85.5
1
4.4
137
0.106
P6SMB110A(CA)
110A
110C
105
116
1
94
1
3.9
152
0.107
P6SMB120A(CA)
120A
120C
114
126
1
102
1
3.6
165
0.107
P6SMB130A(CA)
130A
130C
124
137
1
111
1
3.4
179
0.107
P6SMB150A(CA)
150A
150C
143
158
1
128
1
2.9
207
0.108
P6SMB160A(CA)
160A
160C
152
168
1
136
1
2.7
219
0.108
P6SMB170A(CA)
170A
170C
162
179
1
145
1
2.6
234
0.108
P6SMB180A(CA)
180A
180C
171
189
1
154
1
2.4
246
0.108
P6SMB200A(CA)
200A
200C
190
210
1
171
1
2.2
274
0.108
P6SMB220A(CA)
220A
220C
209
231
1
185
1
1.8
328
0.108
P6SMB250A(CA)
250A
-
237
263
1
214
1
1.74
344
0.11
P6SMB300A(CA)
300A
-
285
315
1
256
1
1.45
414
0.11
P6SMB350A(CA)
350A
-
333
368
1
300
1
1.24
482
0.11
P6SMB400A(CA)
400A
-
380
420
1
342
1
1.1
548
0.11
P6SMB440A(CA)
440A
-
418
462
1
376
1
1
602
0.11
P6SMB480A(CA)
480A
-
456
504
1
408
1
0.91
658
0.11
P6SMB510A(CA)
510A
-
485
535
1
434
1
0.86
698
0.11
P6SMB540A(CA)
540A
-
513
567
1
459
1
0.81
740
0.11



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com