Electronic Components Datasheet Search
  English  ▼

X  

P6SMB Datasheet(PDF) 3 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # P6SMB
Description  Low profile package
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

P6SMB Datasheet(HTML) 3 Page - Guangdong Youtai Semiconductor Co., Ltd.

  P6SMB Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. P6SMB Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. P6SMB Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. P6SMB Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Peak Pulse Power Rating Curve
Fig. 2 - Pulse Power or Current vs. Initial Junction Temperature
0.1 µs
1.0 µs
10 µs
100 µs
1.0 ms
10 ms
100
10
1
0.1
td - Pulse Width (s)
0
25
50
75
100
100
75
50
25
0
125
150
175
200
TJ - Initial Temperature (°C)
t - Time (ms)
Fig. 3 - Pulse Waveform
VWM - Reverse Stand-Off Voltage (V)
Fig. 4 - Typical Junction Capacitance
tp - Pulse Duration (s)
Fig. 5 - Typical Transient Thermal Impedance
Number of Cycles at 60 Hz
Fig. 6 - Maximum Non-Repetitive Peak Forward Surge Current
0
50
100
150
t
d
0
1.0
2.0
3.0
4.0
t
r = 10 µs
Peak Value
I
PPM
Half Value -
I
PPM
I
PP
2
10/1000 µs Waveform
as defined by R.E.A.
T
J = 25 °C
Pulse Width (t
d)
is defined as the Point
where the Peak Current
decays to 50 % of I
PPM
10
100
1000
10
1
100
200
Uni-Directional
Bi-Directional
6000
°C
T
J = 25
f = 1.0 MHz
mVp-p
50
=
V
sig
Measured at
Zero Bias
at
V
R, Measured
Stand-Off Voltage V
WM
0.1
1.0
10
100
0.001
0.01
0.1
1
10
1000
100
10
200
100
1
100
10
8.3 ms Single Half Sine-Wave
Uni-Directional Only
U
MW P6SMB Series
UMW
R
R
UMW
R
R
www.umw-ic.com
3
友台半导体有限公司
友台半导体有限公司



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com