Electronic Components Datasheet Search
  English  ▼

X  

DDZX9692TS Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DDZX9692TS
Description  TRIPLE SURFACE MOUNT PRECISION ZENER DIODE ARRAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDZX9692TS Datasheet(HTML) 2 Page - Diodes Incorporated

  DDZX9692TS Datasheet HTML 1Page - Diodes Incorporated DDZX9692TS Datasheet HTML 2Page - Diodes Incorporated DDZX9692TS Datasheet HTML 3Page - Diodes Incorporated DDZX9692TS Datasheet HTML 4Page - Diodes Incorporated DDZX9692TS Datasheet HTML 5Page - Diodes Incorporated DDZX9692TS Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DS30412 Rev. 3 - 2
2 of 6
DDZX9689TS - DDZX9717TS
www.diodes.com
Electrical Characteristics
Table 1
@ TA = 25
°C unless otherwise specified
Notes:
2. Nominal Zener voltage is measured with the device junction in thermal equilibrium at TT = 30
°C ±1°C.
3. Short duration pulse test used to minimize self-heating effect.
Type
Number
Type
Code
Zener Voltage Range (Note 2)
Maximum Reverse
Leakage Current (Note 3)
VZ @ IZT
IZT
IR @ VR
Nom (V)
Min (V)
Max (V)
mA
mA
V
DDZX9689TS
HH
5.1
4.85
5.36
50
5
3
DDZX9690TS
HJ
5.6
5.32
5.88
50
2
4
DDZX9691TS
HK
6.2
5.89
6.51
50
1
5
DDZX9692TS
HL
6.8
6.46
7.14
50
0.1
5.1
DDZX9693TS
HM
7.5
7.13
7.88
50
0.1
5.7
DDZX9694TS
HN
8.2
7.79
8.61
50
0.1
6.2
DDZX9696TS
HP
9.1
8.65
9.56
50
0.1
6.9
DDZX9697TS
HQ
10
9.50
10.50
50
0.1
7.6
DDZX9698TS
HR
11
10.45
11.55
50
0.05
8.4
DDZX9699TS
HS
12
11.40
12.60
50
0.05
9.1
DDZX9700TS
HT
13
12.35
13.65
50
0.05
9.8
DDZX9701TS
HU
14
13.30
14.70
50
0.05
10.6
DDZX9702TS
HV
15
14.25
15.75
50
0.05
11.4
DDZX9703TS
HW
16
15.20
16.80
50
0.05
12.1
DDZX9705TS
HY
18
17.10
18.90
50
0.05
13.6
DDZX9707TS
MD
20
19.00
21.00
50
0.05
15.2
DDZX9708TS
ME
22
20.90
23.10
50
0.05
16.7
DDZX9709TS
MF
24
22.80
25.20
50
0.05
18.2
DDZX9711TS
MH
27
25.65
28.35
50
0.05
20.4
DDZX9712TS
MJ
28
26.60
29.40
50
0.05
21.2
DDZX9713TS
MK
30
28.50
31.50
50
0.05
22.8
DDZX9714TS
ML
33
31.35
34.65
50
0.05
25.0
DDZX9715TS
MM
36
34.20
37.80
50
0.05
27.3
DDZX9716TS
MN
39
37.05
40.95
50
0.05
29.6
DDZX9717TS
MO
43
40.85
45.15
50
0.05
32.6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com