Electronic Components Datasheet Search
  English  ▼

X  

DDZX9692TS Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DDZX9692TS
Description  TRIPLE SURFACE MOUNT PRECISION ZENER DIODE ARRAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDZX9692TS Datasheet(HTML) 3 Page - Diodes Incorporated

  DDZX9692TS Datasheet HTML 1Page - Diodes Incorporated DDZX9692TS Datasheet HTML 2Page - Diodes Incorporated DDZX9692TS Datasheet HTML 3Page - Diodes Incorporated DDZX9692TS Datasheet HTML 4Page - Diodes Incorporated DDZX9692TS Datasheet HTML 5Page - Diodes Incorporated DDZX9692TS Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DS30412 Rev. 3 - 2
3 of 6
DDZX9689TS - DDZX9717TS
www.diodes.com
0
0.2
0.4
0.6
0.8
1.2
1.0
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
Fig.2 Typical Forward Characteristics
100
10
1.0
0.1
0.01
1000
8.0
11.0
13.0
15.0
V , ZENER BREAKDOWN VOLTAGE (V)
Z
Fig. 5 Typical Reverse Characteristics, DDX9696TS - DDZX9701TS
10.0
12.0
14.0
1m
100n
10m
100m
DDZX9697TS
DDZX9696TS
DDZX9700TS
DDZX9701TS
DDZX9698TS
DDZX9699TS
0
40
80
120
160
200
25
050
75
100
125
150
T , AMBIENT TEMPERATURE (
°C)
A
Fig. 1 Power Dissipation vs Ambient Temperature
240
1m
100n
10m
100m
3.0
5.0
7.0
9.0
V , ZENER BREAKDOWN VOLTAGE (V)
Z
Fig. 4 Typical Reverse Characteristics, DDZX9692TS - DDZX9694TS
4.0
6.0
8.0
DDZX9692TS
DDZX9694TS
DDZX9693TS
10n
100n
1m
05
V , ZENER BREAKDOWN VOLTAGE (V)
Z
Fig. 3 Typical Reverse Characteristics
10m
100m
10
15
20
25
30
35
40
45



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com