Electronic Components Datasheet Search
  English  ▼

X  

PC357C Datasheet(PDF) 3 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # PC357C
Description  SOP4, DC Input Photo Transistor Coupler
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

PC357C Datasheet(HTML) 3 Page - Guangdong Youtai Semiconductor Co., Ltd.

  PC357C Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. PC357C Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. PC357C Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. PC357C Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. PC357C Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. PC357C Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. PC357C Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. PC357C Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ELECTRICAL OPTICAL CHARACTERISTICS at Ta=25°C
PARAMETER
SYMBOL MIN
TYP. MAX. UNIT
TEST CONDITION
NOTE
INPUT
Forward Voltage
VF
-
1.24
1.4
V
IF=10mA
Reverse Current
IR
-
-
10
μA
VR=6V
Input Capacitance
Cin
-
10
-
pF
V=0, f=1kHz
OUTPUT
Collector Dark Current
ICEO
-
-
100
nA
VCE=20V, IF=0
Collector-Emitter
Breakdown Voltage
BVCEO
35
-
-
V
IC=0.1mA, IF=0
Emitter-Collector
Breakdown Voltage
BVECO
7
-
-
V
IE=0.1mA, IF=0
TRANSFER CHARACTERISTICS
Current
Transfer
Ratio
PC357
CTR
50
-
600
%
IF=5mA, VCE=5V
80
-
160
130
-
260
200
-
400
Collector-Emitter
Saturation Voltage
VCE(sat)
-
0.06
0.2
V
IF=20mA, IC=1mA
Isolation Resistance
RISO
10^12 10^14
-
Ω
DC500V, 40 ~ 60% R.H.
Floating Capacitance
CIO
-
0.4
1
pF
V=0, f=1MHz
Cut-off Frequency
fc
-
80
-
kHz
VCE=2V, IC=2mA
RL=100Ω,-3dB
4
Response Time (Rise)
tr
-
3
18
μs
VCE=2V, IC=2mA
RL=100Ω
3
Response Time (Fall)
tf
-
4
18
μs
3
Note 3. Fig.12&13
Note 4. Fig.14
www.umw-ic.com
3
友台半导体有限公司
PC357A
SOP4, DC Input Photo Transistor Coupler
UMW
PC357
R
PC357B
PC357C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com