Electronic Components Datasheet Search
  English  ▼

X  

PC357C Datasheet(PDF) 7 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # PC357C
Description  SOP4, DC Input Photo Transistor Coupler
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

PC357C Datasheet(HTML) 7 Page - Guangdong Youtai Semiconductor Co., Ltd.

  PC357C Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. PC357C Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. PC357C Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. PC357C Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. PC357C Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. PC357C Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. PC357C Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. PC357C Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
REFLOW INFORMATION
REFLOW PROFILE
Profile Feature
Sn-Pb Assembly Profile
Pb-Free Assembly Profile
Temperature Min. (Tsmin)
100
150°C
Temperature Max. (Tsmax)
150
200°C
Time (ts) from (Tsmin to Tsmax)
60-120 seconds
60-120 seconds
Ramp-up Rate (tL to tP)
3°C/second max.
3°C/second max.
Liquidous Temperature (TL)
183°C
217°C
Time (tL) Maintained Above (TL)
60 – 150 seconds
60 – 150 seconds
Peak Body Package Temperature
235°C +0°C / -5°C
260°C +0°C / -5°C
Time (tP) within 5°C of 260°C
20 seconds
30 seconds
Ramp-down Rate (TP to TL)
6°C/second max
6°C/second max
Time 25°C to Peak Temperature
6 minutes max.
8 minutes max.
www.umw-ic.com
7
友台半导体有限公司
SOP4, DC Input Photo Transistor Coupler
UMW
R
PC357N3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com