Electronic Components Datasheet Search
  English  ▼

X  

DDA122TH Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DDA122TH
Description  PNP PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDA122TH Datasheet(HTML) 1 Page - Diodes Incorporated

  DDA122TH Datasheet HTML 1Page - Diodes Incorporated DDA122TH Datasheet HTML 2Page - Diodes Incorporated DDA122TH Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Pb
Lead-free
DS30427 Rev. 3 - 2
1 of 3
DDA (LO-R1) H
www.diodes.com
ã Diodes Incorporated
DDA (LO-R1) H
PNP PRE-BIASED SMALL SIGNAL SOT-563
DUAL SURFACE MOUNT TRANSISTOR
Features
Maximum Ratings @ TA = 25°C unless otherwise specified
A
M
L
B C
H
K
G
D
PXXYM
Mechanical Data
P/N
R1 (NOM) R2 (NOM) MARKING
DDA122LH
DDA142JH
DDA122TH
DDA142TH
0.22K
W
0.47K
W
0.22K
W
0.47K
W
10K
W
10K
W
OPEN
OPEN
P81
P82
P83
P84
Characteristic
Symbol
Value
Unit
Supply Voltage (6) to (1) and (3) to (4)
VCC
-50
V
Input Voltage (2) to (1) and (5) to (4)
DDA122LH
DDA142JH
VIN
+5 to -6
+5 to -6
V
Input Voltage (1) to (2) and (4) to (5)
DDA122TH
DDA142TH
VEBO (MAX)
-5
V
Output Current
All
IC
-100
mA
Power Dissipation
Pd
150
mW
Thermal Resistance, Junction to Ambient Air
RqJA
833
°C/W
Operating and Storage and Temperature Range
Tj,TSTG
-55 to +150
°C
SOT-563
Dim
Min
Max
Typ
A
0.15
0.30
0.25
B
1.10
1.25
1.20
C
1.55
1.70
1.60
D
0.50
G
0.90
1.10
1.00
H
1.50
1.70
1.60
K
0.56
0.60
0.60
L
0.15
0.25
0.20
M
0.10
0.18
0.11
All Dimensions in mm
·
Case: SOT-563
·
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
·
Moisture sensitivity: Level 1 per J-STD-020C
·
Terminals: Finish - Matte Tin annealed over Alloy 42
leadframe. Solderable per MIL-STD-202, Method 208
·
Terminal Connections: See Diagram
·
Weight: 0.005 grams (approx.)
·
Epitaxial Planar Die Construction
·
Complementary NPN Types Available
(DDC)
·
Built-In Biasing Resistors
·
Lead Free By Design/RoHS Compliant (Note 3)
SCHEMATIC DIAGRAM, TOP VIEW
R1 Only
R1, R2
R1
R1
6
5
4
3
2
1
R1
R1
R2
6
5
4
3
2
1
R2
SEE NOTE 1
Notes:
1. Package is non-polarized. Parts may be on reel in orientation illustrated, 180
° rotated, or mixed (both ways).
2. Mounted on FR4 Board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf.
3. No purposefully added lead.
SPICE MODELS: DDA122LH DDA142JH DDA122TH DDA142TH


Similar Part No. - DDA122TH

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDA122TH DIODES-DDA122TH Datasheet
169Kb / 3P
PNP PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
DS30427 Rev. 4 - 2
More results

Similar Description - DDA122TH

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTA113TCA DIODES-DDTA113TCA Datasheet
66Kb / 3P
PNP PRE-BIASED SMALL SIGNAL SOT-23 DUAL SURFACE MOUNT TRANSISTOR
DS30335 Rev. 2 - 2
DDTA113ZCA DIODES-DDTA113ZCA Datasheet
76Kb / 4P
PNP PRE-BIASED SMALL SIGNAL SOT-23 DUAL SURFACE MOUNT TRANSISTOR
DS30334 Rev. 2 - 2
DDA124EH DIODES-DDA124EH Datasheet
83Kb / 4P
PNP PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR
DS30420 Rev. 1 - 2
DDC124EH DIODES-DDC124EH Datasheet
73Kb / 4P
NPN PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR
DS30421 Rev. 1 - 2
DCX124EH DIODES-DCX124EH Datasheet
99Kb / 6P
COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR
DS30422 Rev. 2 - 2
DCX122LH DIODES-DCX122LH Datasheet
87Kb / 4P
COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR
DS30429 Rev. 2 - 2
DDA124EH DIODES-DDA124EH_1 Datasheet
89Kb / 5P
PNP PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR
DS30420 Rev. 3 - 2
DDC124EH DIODES-DDC124EH_1 Datasheet
88Kb / 5P
NPN PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR
DS30421 Rev. 3 - 2
DCX124EH DIODES-DCX124EH_1 Datasheet
107Kb / 6P
COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR
DS30422 Rev. 2 - 2
DDC122LH DIODES-DDC122LH_1 Datasheet
76Kb / 3P
NPN PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR
DS30428 Rev. 3 - 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com