Electronic Components Datasheet Search
  English  ▼

X  

DDA122TH Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DDA122TH
Description  PNP PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDA122TH Datasheet(HTML) 2 Page - Diodes Incorporated

  DDA122TH Datasheet HTML 1Page - Diodes Incorporated DDA122TH Datasheet HTML 2Page - Diodes Incorporated DDA122TH Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS30427 Rev. 3 - 2
2 of 3
DDA (LO-R1) H
www.diodes.com
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Input Voltage
DDA122LH
DDA142JH
Vl(off)
-0.3
-0.3
¾¾
V
VCC = -5V, IO = -100
mA
DDA122LH
DDA142JH
Vl(on)
¾¾
-2.0
-2.0
V
VO = -0.3V, IO = -20mA
VO = -0.3V, IO = -20mA
Output Voltage
VO(on)
¾¾
-0.3V
V
IO/Il = -5mA/-0.25mA
Input Current
DDA122LH
DDA142JH
Il
¾¾
-28
-13
mA
VI = -5V
Output Current
IO(off)
¾¾
-0.5
mA
VCC = -50V, VI = 0V
DC Current Gain
DDA122LH
DDA142JH
Gl
56
56
¾¾
¾
VO = -5V, IO = -10mA
Gain-Bandwidth Product*
fT
¾
200
¾
MHz
VCE = -10V, IE = -5mA,
f = 100MHz
Electrical Characteristics
R1, R2 Types
@ TA = 25
°C unless otherwise specified
* Transistor - For Reference Only
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BVCBO
-50
¾¾
V
IC = -50
mA
Collector-Emitter Breakdown Voltage
BVCEO
-40
¾¾
V
IC = -1mA
Emitter-Base Breakdown Voltage
DDA122TH
DDA142TH
BVEBO
-5
¾
¾
V
IE = -50
mA
IE = -50
mA
Collector Cutoff Current
ICBO
¾¾
-0.5
mA
VCB = -50V
Emitter Cutoff Current
DDA122TH
DDA142TH
IEBO
¾
¾
¾
-0.5
-0.5
mA
VEB = -4V
Collector-Emitter Saturation Voltage
VCE(sat)
¾¾
-0.3
V
IC = -5mA, IB = -0.25mA
DC Current Transfer Ratio
DDA122TH
DDA142TH
hFE
100
100
250
250
600
600
¾
IC = -1mA, VCE = -5V
Gain-Bandwidth Product*
fT
¾
200
¾
MHz
VCE = -10V, IE = 5mA,
f = 100MHz
Electrical Characteristics
R1-Only Types
@ TA = 25
°C unless otherwise specified
* Transistor - For Reference Only
XXX = Product Type Marking Code (See Page 1)
YM = Date Code Marking
Y = Year ex: T = 2006
M = Month ex: 9 = September
PXXYM
Marking Information
Device
Packaging
Shipping
DDA122LH-7
SOT-563
3000/Tape & Reel
DDA142JH-7
SOT-563
3000/Tape & Reel
DDA122TH-7
SOT-563
3000/Tape & Reel
DDA142TH-7
SOT-563
3000/Tape & Reel
Ordering Information (Note 4)
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
12
3
4
5
6
7
89
O
N
D
Date Code Key
Notes: 4. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Year
2002
2003
2004
2005
2006
2007
2008
2009
2010
2011
2012
Code
NP
R
S
T
U
VW
X
Y
Z



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com