Electronic Components Datasheet Search
  English  ▼

X  

TPSMB Datasheet(PDF) 4 Page - UN Semiconducctor INC

Part # TPSMB
Description  13 To 200V 600W Surface Mount Transient Voltage Suppressors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC

TPSMB Datasheet(HTML) 4 Page - UN Semiconducctor INC

  TPSMB Datasheet HTML 1Page - UN Semiconducctor INC TPSMB Datasheet HTML 2Page - UN Semiconducctor INC TPSMB Datasheet HTML 3Page - UN Semiconducctor INC TPSMB Datasheet HTML 4Page - UN Semiconducctor INC TPSMB Datasheet HTML 5Page - UN Semiconducctor INC TPSMB Datasheet HTML 6Page - UN Semiconducctor INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Revision March 1,2022
www.unsemi.com.tw
Surface Mount Transient Voltage Suppressors
ROHS
For technical questions, contact: tech@unsemi.com.tw
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
4/5
TPSMB Series
13 To 200V 600W
Ratings and Characteristic Curves (TA=25°C unless otherwise noted)
Part Numbering
Figure 6 - Typical Junction Capacitance
Figure 5 - Maximum Non-Repetitive Surge Current
TPSMB × × × C A
5% VBR Voltage Tolerance
Uni/Bi-Directional
VR Voltage
Automotive Series
0
20
40
60
80
100
1
100
10
Numberof Cyclesat 60 Hz
TJ = TJ max.
8.3 ms Single Half Sine-Wave
450
1
10
100
1000
10000
1
10
100
1000
Bi-directional @VRWM
Uni-directional
@VRWM
TJ=25C
f=1.0MHz
Bi-directional
@zero bias
Uni-directional
@zero bias
ReverseBreakdown Voltage,VBR (V)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com