Electronic Components Datasheet Search
  English  ▼

X  

TPSMB Datasheet(PDF) 2 Page - UN Semiconducctor INC

Part # TPSMB
Description  13 To 200V 600W Surface Mount Transient Voltage Suppressors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC

TPSMB Datasheet(HTML) 2 Page - UN Semiconducctor INC

  TPSMB Datasheet HTML 1Page - UN Semiconducctor INC TPSMB Datasheet HTML 2Page - UN Semiconducctor INC TPSMB Datasheet HTML 3Page - UN Semiconducctor INC TPSMB Datasheet HTML 4Page - UN Semiconducctor INC TPSMB Datasheet HTML 5Page - UN Semiconducctor INC TPSMB Datasheet HTML 6Page - UN Semiconducctor INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Part Number
Uni
Bi
Reverse
Stand-Off
Voltage
VRWM (V)
Breakdown
Voltage VBR (V)
@IT
Maximum
Clamping
Voltage VC
@IPP (V)
Maximum
Peak
Pulse
Current
IPP (A)
Maximum
Reverse
Leakage IR
@VRWM
(μA)
Test
Current
IT (mA)
MIN
MAX
Marking
Uni
Bi
TPSMB Series
13 To 200V 600W
Surface Mount Transient Voltage Suppressors
Revision March 1,2022
www.unsemi.com.tw
For technical questions, contact: tech@unsemi.com.tw
ROHS
Electrical Characteristics (@25℃ Unless Otherwise Specified)
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
2/5
Note:
(1) Add suffix 'C 'or ' CA ' after part number to specify Bi-directional devices
11.1
12.8
13.6
15.3
17.1
18.8
20.5
23.1
25.6
28.2
30.8
33.3
36.8
40.2
43.6
47.8
53.0
58.1
64.1
70.1
77.8
85.5
94.0
102.0
111.0
128.0
136.0
145.0
154.0
171.0
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
5
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
18.20
21.20
22.50
25.20
27.70
30.60
33.20
37.50
41.40
45.70
49.90
53.90
59.30
64.80
70.10
77.00
85.00
92.00
103.0
113.0
125.0
137.0
152.0
165.0
179.0
207.0
219.0
234.0
246.0
274.0
TPSMB13A
TPSMB15A
TPSMB16A
TPSMB18A
TPSMB20A
TPSMB22A
TPSMB24A
TPSMB27A
TPSMB30A
TPSMB33A
TPSMB36A
TPSMB39A
TPSMB43A
TPSMB47A
TPSMB51A
TPSMB56A
TPSMB62A
TPSMB68A
TPSMB75A
TPSMB82A
TPSMB91A
TPSMB100A
TPSMB110A
TPSMB120A
TPSMB130A
TPSMB150A
TPSMB160A
TPSMB170A
TPSMB180A
TPSMB200A
TPSMB13CA
TPSMB15CA
TPSMB16CA
TPSMB18CA
TPSMB20CA
TPSMB22CA
TPSMB24CA
TPSMB27CA
TPSMB30CA
TPSMB33CA
TPSMB36CA
TPSMB39CA
TPSMB43CA
TPSMB47CA
TPSMB51CA
TPSMB56CA
TPSMB62CA
TPSMB68CA
TPSMB75CA
TPSMB82CA
TPSMB91CA
TPSMB100CA
TPSMB110CA
TPSMB120CA
TPSMB130CA
TPSMB150CA
TPSMB160CA
TPSMB170CA
TPSMB180CA
TPSMB200CA
13AA
15AA
16AA
18AA
20AA
22AA
24AA
27AA
30AA
33AA
36AA
39AA
43AA
47AA
51AA
56AA
62AA
68AA
75AA
82AA
91AA
100AA
110AA
120AA
130AA
150AA
160AA
170AA
180AA
200AA
13CA
15CA
16CA
18CA
20CA
22CA
24CA
27CA
30CA
33CA
36CA
39CA
43CA
47CA
51CA
56CA
62CA
68CA
75CA
82CA
91CA
100CA
110CA
120CA
130CA
150CA
160CA
170CA
180CA
200CA
12.35
14.25
15.20
17.10
19.00
20.90
22.80
25.65
28.50
31.35
34.20
37.05
40.85
44.65
48.45
53.20
58.90
64.60
71.25
77.90
86.45
95.00
104.5
114.0
123.5
142.5
152.0
161.5
171.0
190.0
13.65
15.75
16.80
18.90
21.00
23.10
25.20
28.35
31.50
34.65
37.80
40.95
45.15
49.35
53.55
58.80
65.10
71.40
78.75
86.10
95.55
105.0
115.5
126.0
136.5
157.5
168.0
178.5
189.0
210.0
32.97
28.30
26.67
23.81
21.66
19.61
18.07
16.00
14.49
13.13
12.02
11.13
10.12
9.26
8.56
7.79
7.06
6.52
5.83
5.31
4.80
4.38
3.95
3.64
3.35
2.90
2.74
2.56
2.44
2.19



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com