Electronic Components Datasheet Search
  English  ▼

X  

UNB Datasheet(PDF) 2 Page - UN Semiconducctor INC

Part # UNB
Description  Spark Gap Protectors (SPG)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC

UNB Datasheet(HTML) 2 Page - UN Semiconducctor INC

  UNB Datasheet HTML 1Page - UN Semiconducctor INC UNB Datasheet HTML 2Page - UN Semiconducctor INC UNB Datasheet HTML 3Page - UN Semiconducctor INC UNB Datasheet HTML 4Page - UN Semiconducctor INC UNB Datasheet HTML 5Page - UN Semiconducctor INC UNB Datasheet HTML 6Page - UN Semiconducctor INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Revision March 1,2022
www.unsemi.com.tw
For technical questions, contact: tech@unsemi.com.tw
ROHS
Part Number
DC
Spark-over
Voltage
Maximum
Capacitance
1KHZ-6Vmax
C (pF)
Surge Life Test
Surge Current
Capacity
(8/20μ S)
Minimum
Insulation
Resistance
Test
Voltage(V)
IROHM
(MΩ)
Spark Gap Protectors (SPG)
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
2/5
UNB Series
UNB-141N
UNB-181N
UNB-201M
UNB-251M
UNB-301M
UNB-401M
UNB-471M
UNB-501M
UNB-601M
UNB-102M
UNB-152M
140(98~182)
180(126~234)
200(160~240)
250(200~300)
300(240~360)
400(320~480)
470(400~560)
500(400~600)
600(480~720)
1000(800~1200)
1500(1200~1800)
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
10KV / 150A, >200T
10KV / 150A, >200T
10KV / 150A, >200T
10KV / 150A, >200T
10KV / 150A, >200T
10KV / 150A, >200T
10KV / 150A, >200T
10KV / 150A, >200T
10KV / 150A, >200T
10KV / 150A, >200T
10KV / 150A, >200T
1000A
1000A
1000A
1000A
1000A
1000A
1000A
1000A
1000A
1000A
1000A
Electrical Characteristics
Part Number
Color Code1
Color Code3
Color Code2
UNB-141N
UNB-181N
UNB-201M
UNB-301M
UNB-401M
UNB-471M
UNB-501M
UNB-601M
UNB-102M
UNB-152M
Yellow
Gray
Red
Brown
Yellow
Yellow
Green
Blue
Black
Black
-
-
-
-
-
-
-
-
-
Red
Black
-
-
-
-
-
-
-
-
Green
Color Code
50
50
100
100
100
250
250
250
250
500
500
100
100
100
100
100
100
100
100
100
100
100



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com