Electronic Components Datasheet Search
  English  ▼

X  

UNB Datasheet(PDF) 3 Page - UN Semiconducctor INC

Part # UNB
Description  Spark Gap Protectors (SPG)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC

UNB Datasheet(HTML) 3 Page - UN Semiconducctor INC

  UNB Datasheet HTML 1Page - UN Semiconducctor INC UNB Datasheet HTML 2Page - UN Semiconducctor INC UNB Datasheet HTML 3Page - UN Semiconducctor INC UNB Datasheet HTML 4Page - UN Semiconducctor INC UNB Datasheet HTML 5Page - UN Semiconducctor INC UNB Datasheet HTML 6Page - UN Semiconducctor INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Revision March 1,2022
www.unsemi.com.tw
For technical questions, contact: tech@unsemi.com.tw
ROHS
Spark Gap Protectors (SPG)
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
3/5
UNB Series
Test Methods and Results
Measure starting discharge voltage (Vs) by gradually increasing
applied DC voltage. Test current is 0.5mA max. And the DC voltage
ascends up within 100V/s(Vs<1000V) or 500V/s(Vs≥1000V).
Measure the insulation resistance across the terminal at regular
voltage. But the test voltage doesn’t over the DC spark-over voltage.
Measure the electrostatic capacitance by applying a voltage of less
than 6V (at 1KHz) between terminals.
10KV with 1500pf condenser is discharged through 2KΩ resistor.
200 times at an interval of 10sec.
1.2/50μs & 8/20μs, 500A, electrically connected with a resistor
(1~2 Ω), ±5 times, each time interval 60 seconds. Thereafter, outer
appearanceshall be visually examined.
Measurement after -40℃/1000 HRS & normal temperature/2 HRS
Measurement after 125℃/1000 HRS & normal temperature/2 HRS
Measurement after humidity 90~95℃(45℃) /1000 HRS & normal
temperature/2 HRS.
10 times repetition of cycle -40℃/30min →normal, temp/2 min
→125℃/30min, measurement after normal temp/2 HRS.
Apply flux and immerse in molten solder 230±5℃ for 3sec up to the
point of 1.5mm from body. Check for solder adhesion.
Measurement after lead wire is dipped up to the point of 1.5mm from
body into 260±5℃ solder for 10sec.
Rate-of-change, within±30%
insulation resistance &
capacitance, conformed to
rated spec.
∣△ ∣
Vs/Vs ≤30%
Characteristics of other items
must meet the specified value
No crack and no failures
Features are conformed to
rated spec.
Lead wire is evenly covered
by solder
Conformed to rated spec.
Standard
Test Method
Items
DC Spark-over Voltage
Insulation Resistance
Capacitance
Static Life
Surge Current Capacity
Cold Resistance
Heat Resistance
Humidity Resistance
Temperature Cycle
Solder Ability
Solder Heat
Pull Strength
Flexural Strength
Apply 0.5kg load for 10sec
Bend lead wire at the point of 2mm from body under
0.25 load and back to its original point. Repeat 1 time.
Lead shall not pull out to snap



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com