Electronic Components Datasheet Search
  English  ▼

X  

DL163 Datasheet(PDF) 39 Page - Advanced Micro Devices

Part # DL163
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

DL163 Datasheet(HTML) 39 Page - Advanced Micro Devices

Back Button DL163 Datasheet HTML 35Page - Advanced Micro Devices DL163 Datasheet HTML 36Page - Advanced Micro Devices DL163 Datasheet HTML 37Page - Advanced Micro Devices DL163 Datasheet HTML 38Page - Advanced Micro Devices DL163 Datasheet HTML 39Page - Advanced Micro Devices DL163 Datasheet HTML 40Page - Advanced Micro Devices DL163 Datasheet HTML 41Page - Advanced Micro Devices DL163 Datasheet HTML 42Page - Advanced Micro Devices DL163 Datasheet HTML 43Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 63 page
background image
38
Am41DL16x4D
P R E L IMINARY
Notes:
1. The ICC current listed is typically less than 2 mA/MHz, with OE# at VIH.
2. Maximum I
CC specifications are tested with VCC = VCCmax.
3. ICC active while Embedded Erase or Embedded Program is in progress.
4. Automatic sleep mode enables the low power mode when addresses remain stable for tACC + 30 ns. Typical sleep mode current is
200 nA.
5. Not 100% tested.
VLKO
Flash Low VCC Lock-Out Voltage
(Note 5)
2.3
2.5
V
SRAM DC AND OPERATING CHARACTERISTICS
Parameter
Symbol
Parameter Description
Test Conditions
Min
Typ
Max
Unit
ILI
Input Leakage Current
VIN = VSS to VCC
–1.0
1.0
µA
I
LO
Output Leakage Current
CE1#s = V
IH, CE2s = VIL or OE# =
V
IH or WE# = VIL, VIO= VSS to VCC
–1.0
1.0
µA
I
CC1s
Average Operating Current
Cycle time = 1 µs, 100% duty,
I
IO = 0 mA, CE1#s ≤ 0.2 V,
CE2
≥ V
CC – 0.2 V, VIN ≤ 0.2 V or
V
IN ≥ VCC – 0.2 V
3mA
I
CC2s
Average Operating Current
Cycle time = Min., I
IO = 0 mA,
100% duty, CE1#s = V
IL, CE2s =
V
IH, VIN = VIL = or VIH
22
mA
VOL
Output Low Voltage
IOL = 2.1 mA
0.4
V
V
OH
Output High Voltage
I
OH = –1.0 mA
2.4
V
I
SB1
Standby Current (CMOS)
CE1#s
≥ V
CC – 0.2 V, CE2 ≥ VCC –
0.2 V (CE1#s controlled) or 0 V
≤
CE2
≤ 0.2 V (CE2s controlled),
CIOs = V
SS or VCC, Other input = 0
~ V
CC
10
µA
DC CHARACTERISTICS (Continued)
CMOS Compatible
Parameter
Symbol
Parameter Description
Test Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com