Electronic Components Datasheet Search
  English  ▼

X  

DL163 Datasheet(PDF) 10 Page - Advanced Micro Devices

Part # DL163
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

DL163 Datasheet(HTML) 10 Page - Advanced Micro Devices

Back Button DL163 Datasheet HTML 6Page - Advanced Micro Devices DL163 Datasheet HTML 7Page - Advanced Micro Devices DL163 Datasheet HTML 8Page - Advanced Micro Devices DL163 Datasheet HTML 9Page - Advanced Micro Devices DL163 Datasheet HTML 10Page - Advanced Micro Devices DL163 Datasheet HTML 11Page - Advanced Micro Devices DL163 Datasheet HTML 12Page - Advanced Micro Devices DL163 Datasheet HTML 13Page - Advanced Micro Devices DL163 Datasheet HTML 14Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 63 page
background image
Am41DL16x4D
9
P R E L IMINARY
ORDERING INFORMATION
The order number (Valid Combination) is formed by the following:
Valid Combinations
Valid Combinations list configurations planned to be supported in vol-
ume for this device. Consult the local AMD sales office to confirm
availability of specific valid combinations and to check on newly re-
leased combinations.
Am41DL16x
4
D
T
70
I
T
TAPE AND REEL
T
=
7 inches
S=
13 inches
TEMPERATURE RANGE
I
=
Industrial (–40
°C to +85°C)
FLASH SPEED OPTION
See Product Selector Guide and Valid Combinations
BOOT CODE SECTOR ARCHITECTURE
T=
Top Sector
B
=
Bottom Sector
FLASH PROCESS TECHNOLOGY
D=
CS49S
SRAM DEVICE DENSITY
4=
4 Mbits
AMD DEVICE NUMBER/DESCRIPTION
Am41DL16x4D
Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
Am29DL16xD 16 Megabit (1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash
Memory and 4 Mbit (512 K x 8-Bit/ 256 K x 16-Bit) Static RAM
Valid Combinations
Order Number
Package Marking
Am41DL1614DT70I
Am41DL1614DB70I
T, S
M410000000
M410000001
Am41DL1614DT85I
Am41DL1614DB85I
M410000002
M410000003
Am41DL1624DT70I
Am41DL1624DB70I
M410000004
M410000005
Am41DL1624DT85I
Am41DL1624DB85I
M410000006
M410000007
Am41DL1634DT70I
Am41DL1634DB70I
M410000008
M410000009
Am41DL1634DT85I
Am41DL1634DB85I
M41000000A
M41000000B
Am41DL1644DT70I
Am41DL1644DB70I
M41000000C
M41000000D
Am41DL1644DT85I
Am41DL1644DB85I
M41000000E
M41000000F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com