Electronic Components Datasheet Search
  English  ▼

X  

DL164 Datasheet(PDF) 21 Page - Advanced Micro Devices

Part # DL164
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

DL164 Datasheet(HTML) 21 Page - Advanced Micro Devices

Back Button DL164 Datasheet HTML 17Page - Advanced Micro Devices DL164 Datasheet HTML 18Page - Advanced Micro Devices DL164 Datasheet HTML 19Page - Advanced Micro Devices DL164 Datasheet HTML 20Page - Advanced Micro Devices DL164 Datasheet HTML 21Page - Advanced Micro Devices DL164 Datasheet HTML 22Page - Advanced Micro Devices DL164 Datasheet HTML 23Page - Advanced Micro Devices DL164 Datasheet HTML 24Page - Advanced Micro Devices DL164 Datasheet HTML 25Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 63 page
background image
20
Am41DL16x4D
P R E L IMINARY
If the system asserts V
IL on the WP#/ACC pin, the de-
vice disables program and erase functions in the two
“outermost” 8 Kbyte boot sectors independently of
whether those sectors were protected or unprotected
using the method described in “The autoselect mode
provides manufacturer and device identification, and
sector protection verification, through identifier codes
output on DQ7–DQ0. The autoselect codes can be ac-
cessed in-system through the command register.
Refer to the Autoselect Command Sequence section
for more information.Sector/Sector Block Protection
and Unprotection”. The two outermost 8 Kbyte boot
sectors are the two sectors containing the lowest ad-
dresses in a top-boot-configured device, or the two
s e ct or s c ontai ning th e hi ghest addr es s e s i n a
top-boot-configured device.
If the system asserts V
IH on the WP#/ACC pin, the de-
vice reverts to whether the two outermost 8 Kbyte boot
sectors were last set to be protected or unprotected.
That is, sector protection or unprotection for these two
sectors depends on whether they were last protected
or unprotected using the method described in “The au-
toselect mode provides manufacturer and device
identification, and sector protection verification,
through identifier codes output on DQ7–DQ0. The au-
toselect codes can be accessed in-system through the
command register. Refer to the Autoselect Command
Sequence section for more information.Sector/Sector
Block Protection and Unprotection”.
Note that the WP#/ACC pin must not be left floating or
unconnected; inconsistent behavior of the device may
result.
Temporary Sector/Sector Block Unprotect
(Note: For the following discussion, the term “sector”
applies to both sectors and sector blocks. A sector
block consists of two or more adjacent sectors that are
protected or unprotected at the same time (see Tables
10 and 11).
This feature allows temporary unprotection of previ-
ously protected sectors to change data in-system. The
Sector Unprotect mode is activated by setting the RE-
SET# pin to V
ID (8.5 V – 12.5 V). During this mode,
formerly protected sectors can be programmed or
erased by selecting the sector addresses. Once V
ID is
removed from the RESET# pin, all the previously pro-
tected sectors are protected again. Figure 1 shows the
algorithm, and Figure 25 shows the timing diagrams,
for this feature.
START
Perform Erase or
Program Operations
RESET# = V
IH
Temporary Sector
Unprotect Completed
(Note 2)
RESET# = V
ID
(Note 1)
Notes:
1. All protected sectors unprotected (If WP#/ACC = V
IL,
outermost boot sectors will remain protected).
2. All previously protected sectors are protected once
again.
Figure 1.
Temporary Sector Unprotect Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com