Electronic Components Datasheet Search
  English  ▼

X  

DL164 Datasheet(PDF) 8 Page - Advanced Micro Devices

Part # DL164
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

DL164 Datasheet(HTML) 8 Page - Advanced Micro Devices

Back Button DL164 Datasheet HTML 4Page - Advanced Micro Devices DL164 Datasheet HTML 5Page - Advanced Micro Devices DL164 Datasheet HTML 6Page - Advanced Micro Devices DL164 Datasheet HTML 7Page - Advanced Micro Devices DL164 Datasheet HTML 8Page - Advanced Micro Devices DL164 Datasheet HTML 9Page - Advanced Micro Devices DL164 Datasheet HTML 10Page - Advanced Micro Devices DL164 Datasheet HTML 11Page - Advanced Micro Devices DL164 Datasheet HTML 12Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 63 page
background image
Am41DL16x4D
7
P R E L IMINARY
CONNECTION DIAGRAM
Special Handling Instructions for FBGA
Package
Special handling is required for Flash Memory prod-
ucts in FBGA packages.
Flash memory devices in FBGA packages may be
damaged if exposed to ultrasonic cleaning methods.
The package and/or data integrity may be compro-
mised if the package body is exposed to temperatures
above 150
°C for prolonged periods of time.
A7
A3
A2
NC
NC
NC
NC
NC
DQ8
DQ14
CE1#s
LB#s
WP#/ACC
WE#
A8
A11
B3
B1
B4
B5
B6
B7
B8
A6
UB#s
RESET#
CE2s
A19
A12
A15
C2
C3
C4
C5
C6
C7
C8
C9
A5
A18
RY/BY#
NC
A9
A13
NC
D2
D3
D4
D5
D6
D7
D8
D9
A1
A4
A17
A10
A14
NC
E1
E10
E2
E3
E4
E7
E8
E9
VSS
DQ1
A0
DQ6
SA
A16
F1
F10
F3
F4
F2
F7
F8
F9
CE#f
DQ0
OE#
DQ9
DQ3
DQ4
DQ13
DQ15/A-1
CIOf
G2
G3
G4
G5
G6
G7
G8
G9
DQ10
VCCf
VCCs
DQ12
DQ7
VSS
H2
H3
H4
H5
H6
H7
H8
H9
DQ2
DQ11
CIOs
DQ5
J3
J8
J4
J5
J6
J7
NC
NC
NC
A1
A5
A6
NC
A10
NC
NC
NC
K1
K5
K6
NC
K10
SRAM only
Shared
Flash only
69-Ball FBGA
Top View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com