Electronic Components Datasheet Search
  English  ▼

X  

S9012 Datasheet(PDF) 2 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # S9012
Description  SOT-23 Plastic-Encapsulate Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

S9012 Datasheet(HTML) 2 Page - Guangdong Youtai Semiconductor Co., Ltd.

  S9012 Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. S9012 Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. S9012 Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
-1
-10
-100
0
100
200
300
400
-1
-10
-100
-1
-10
-100
-1000
-0.1
-1
-10
1
-10
-100
500
0
25
50
75
100
125
150
0
100
200
300
400
-1
-10
-100
-0.0
-0.4
-0.8
-1.2
-0
-4
-8
-12
-16
-20
-0
-20
-40
-60
-80
-100
f
T
—— I
C
h
FE
——
COMMON EMITTER
VCE=-1V
-500
Ta=100℃
Ta=25℃
COLLECTOR CURRENT I
C
(mA)
I
C
COLLECTOR CURRENT I
C
(mA)
COLLECTOR CURRENT I
C
(mA)
β=10
Ta=25℃
Ta=100℃
I
C
V
CEsat
——
-500
100
100
10
-20
Cob
Cib
REVERSE VOLTAGE V (V)
f=1MHz
I
E=0/ IC=0
Ta=25℃
V
CB
/ V
EB
C
ob
/ C
ib
——
-5
VCE=-6V
Ta=25
oC
Pc
——
Ta
β=10
COLLECTOR CURRENT I
C
(mA)
Ta=25℃
Ta=100℃
-500
I
C
V
BEsat
——
Static Characteristic
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
-400uA
-350uA
-300uA
-250uA
-200uA
-150uA
-100uA
I
B=-50uA
COMMON
EMITTER
Ta=25℃
www.umw-ic.com
2
友台半导体有限公司
SOT-23 Plastic-Encapsulate Transistors
UMW
R
UMW S9012



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com