Electronic Components Datasheet Search
  English  ▼

X  

S9012 Datasheet(PDF) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # S9012
Description  SOT-23 Plastic-Encapsulate Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

S9012 Datasheet(HTML) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

  S9012 Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. S9012 Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. S9012 Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
S9012
TRANSISTOR (PNP)
FEATURES
High Collector Current
Complementary To S9013
Excellent hFE Linearity
MARKING: 2T1
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
-40
V
VCEO
Collector-Emitter Voltage
-25
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current
-500
mA
PC
Collector Power Dissipation
300
mW
RΘJA
Thermal Resistance From Junction To Ambient
416
℃/W
Tj
Junction Temperature
150
℃
Tstg
Storage Temperature
-55
~+150
℃
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=-0.1mA, IE=0
-40
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=-1mA, IB=0
-25
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-0.1mA, IC=0
-5
V
Collector cut-off current
ICBO
VCB=-40V, IE=0
-0.1
uA
Collector cut-off current
ICEO
VCE=-20V, IB=0
-0.1
uA
Emitter cut-off current
IEBO
VEB=-5V, IC=0
-0.1
uA
DC current gain
hFE
VCE=-1V, IC=-50mA
120
400
Collector-emitter saturation voltage
VCE(sat)
IC=-500mA, IB=-50mA
-0.6
V
Base-emitter saturation voltage
VBE(sat)
IC=-500mA, IB=-50mA
-1.2
V
Transition frequency
fT
VCE=-6V,IC=-20mA, f=30MHz
150
MHz
Collector output capacitance
Cob
VCB=-10V, IE=0, f=1MHz
5
pF
CLASSIFICATION OF h
FE
RANK
L
H
J
RANGE
120-200
200-350
300-400
SOT-23 Plastic-Encapsulate Transistors
UMW
R
UMW S9012
SOT-23
1.
BASE
2.
EMITTER
3.
COLLECTOR
1
www.umw-ic.com
友台半导体有限公司


Similar Part No. - S9012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S9012 ETC-S9012 Datasheet
940Kb / 2P
TO-92 Plastic-Encapsulate Transistors
logo
Weitron Technology
S9012 WEITRON-S9012 Datasheet
1Mb / 4P
PNP General Purpose Transistors
logo
Galaxy Semi-Conductor H...
S9012 BILIN-S9012 Datasheet
184Kb / 4P
PNP Silicon Epitaxial Planar Transistor
Rev.A
logo
Daya Electric Group Co....
S9012 DAYA-S9012 Datasheet
175Kb / 2P
TO-92 Plastic-Encapsulate Transistors
logo
Shenzhen Jin Yu Semicon...
S9012 HTSEMI-S9012 Datasheet
774Kb / 2P
TRANSISTOR(PNP)
More results

Similar Description - S9012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S9014LT1 ETC-S9014LT1 Datasheet
1Mb / 2P
SOT-23 Plastic-Encapsulate Transistors
logo
Avic Technology
AV9015LT1 AVICTEK-AV9015LT1 Datasheet
37Kb / 1P
SOT-23 Plastic-Encapsulate Transistors
logo
Daya Electric Group Co....
MMBT3904 DAYA-MMBT3904 Datasheet
186Kb / 2P
SOT-23 Plastic-Encapsulate Transistors
MMBTA42 DAYA-MMBTA42 Datasheet
202Kb / 3P
SOT-23 Plastic-Encapsulate Transistors
MMBTA13 DAYA-MMBTA13 Datasheet
389Kb / 3P
SOT-23 Plastic-Encapsulate Transistors
MMBT3906 DAYA-MMBT3906 Datasheet
180Kb / 3P
SOT-23 Plastic-Encapsulate Transistors
logo
WILLAS ELECTRONIC CORP
A733 WILLAS-A733 Datasheet
434Kb / 3P
SOT-23 Plastic-Encapsulate Transistors
logo
SHENZHEN YONGERJIA INDU...
BCW61BLT1 WINNERJOIN-BCW61BLT1 Datasheet
150Kb / 1P
SOT-23 Plastic-Encapsulate Transistors
logo
Nanjing International G...
MMBT2222A DGNJDZ-MMBT2222A Datasheet
693Kb / 2P
SOT-23 Plastic-Encapsulate Transistors
S9015 DGNJDZ-S9015 Datasheet
504Kb / 2P
SOT-23 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com