Electronic Components Datasheet Search
  English  ▼

X  

L800BT70VC Datasheet(PDF) 22 Page - Advanced Micro Devices

Part # L800BT70VC
Description  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

L800BT70VC Datasheet(HTML) 22 Page - Advanced Micro Devices

Back Button L800BT70VC Datasheet HTML 18Page - Advanced Micro Devices L800BT70VC Datasheet HTML 19Page - Advanced Micro Devices L800BT70VC Datasheet HTML 20Page - Advanced Micro Devices L800BT70VC Datasheet HTML 21Page - Advanced Micro Devices L800BT70VC Datasheet HTML 22Page - Advanced Micro Devices L800BT70VC Datasheet HTML 23Page - Advanced Micro Devices L800BT70VC Datasheet HTML 24Page - Advanced Micro Devices L800BT70VC Datasheet HTML 25Page - Advanced Micro Devices L800BT70VC Datasheet HTML 26Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 49 page
background image
20
Am29LV800B
to determine if a sector is actively erasing or is erase-
suspended. See “Write Operation Status” for informa-
tion on these status bits.
After an erase-suspended program operation is com-
plete, the system can once again read array data
within non-suspended sectors. The system can deter-
mine the status of the program operation using the
DQ7 or DQ6 status bits, just as in the standard
program operation. See “Write Operation Status” for
more information.
The system may also write the autoselect command
sequence when the device is in the Erase Suspend
mode. The device allows reading autoselect codes
even at addresses within erasing sectors, since the
codes are not stored in the memory array. When the
device exits the autoselect mode, the device reverts
to the Erase Suspend mode, and is ready for another
va li d o p e ratio n . See “Autoselect Command
Sequence” for more information.
The system must write the Erase Resume command
(address bits are “don’t care”) to exit the erase
suspend mode and continue the sector erase opera-
tion. Further writes of the Resume command are
ignored. Another Erase Suspend command can be
written after the device has resumed erasing.
Notes:
1. See Table 1 for erase command sequence.
2. See “DQ3: Sector Erase Timer” for more information.
Figure 4. Erase Operation
START
Write Erase
Command Sequence
Data Poll
from System
Data = FFh?
No
Yes
Erasure Completed
Embedded
Erase
algorithm
in progress



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com