Electronic Components Datasheet Search
  English  ▼

X  

L800BT70VC Datasheet(PDF) 15 Page - Advanced Micro Devices

Part # L800BT70VC
Description  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

L800BT70VC Datasheet(HTML) 15 Page - Advanced Micro Devices

Back Button L800BT70VC Datasheet HTML 11Page - Advanced Micro Devices L800BT70VC Datasheet HTML 12Page - Advanced Micro Devices L800BT70VC Datasheet HTML 13Page - Advanced Micro Devices L800BT70VC Datasheet HTML 14Page - Advanced Micro Devices L800BT70VC Datasheet HTML 15Page - Advanced Micro Devices L800BT70VC Datasheet HTML 16Page - Advanced Micro Devices L800BT70VC Datasheet HTML 17Page - Advanced Micro Devices L800BT70VC Datasheet HTML 18Page - Advanced Micro Devices L800BT70VC Datasheet HTML 19Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 49 page
background image
Am29LV800B
13
When the OE# input is at VIH, output from the device
is disabled. The output pins are placed in the high
impedance state.
Table 2. Am29LV800BT Top Boot Block Sector Addresses
Table 3. Am29LV800BB Bottom Boot Block Sector Addresses
Note for Tables 2 and 3: Address range is A18:A-1 in byte
mode and A18:A0 in word mode. See “Word/Byte
Configuration” section.
Sector
A18
A17
A16
A15
A14
A13
A12
Sector Size
(Kbytes/
Kwords)
Address Range (in hexadecimal)
(x8)
Address Range
(x16)
Address Range
SA0
0
0
0
0
X
X
X
64/32
00000h–0FFFFh
00000h–07FFFh
SA1
0
0
0
1
X
X
X
64/32
10000h–1FFFFh
08000h–0FFFFh
SA2
0
0
1
0
X
X
X
64/32
20000h–2FFFFh
10000h–17FFFh
SA3
0
0
1
1
X
X
X
64/32
30000h–3FFFFh
18000h–1FFFFh
SA4
0
1
0
0
X
X
X
64/32
40000h–4FFFFh
20000h–27FFFh
SA5
0
1
0
1
X
X
X
64/32
50000h–5FFFFh
28000h–2FFFFh
SA6
0
1
1
0
X
X
X
64/32
60000h–6FFFFh
30000h–37FFFh
SA7
0
1
1
1
X
X
X
64/32
70000h–7FFFFh
38000h–3FFFFh
SA8
1
0
0
0
X
X
X
64/32
80000h–8FFFFh
40000h–47FFFh
SA9
1
0
0
1
X
X
X
64/32
90000h–9FFFFh
48000h–4FFFFh
SA10
1
0
1
0
X
X
X
64/32
A0000h–AFFFFh
50000h–57FFFh
SA11
1
0
1
1
X
X
X
64/32
B0000h–BFFFFh
58000h–5FFFFh
SA12
1
1
0
0
X
X
X
64/32
C0000h–CFFFFh
60000h–67FFFh
SA13
1
1
0
1
X
X
X
64/32
D0000h–DFFFFh
68000h–6FFFFh
SA14
1
1
1
0
X
X
X
64/32
E0000h–EFFFFh
70000h–77FFFh
SA15
1
1
1
1
0
X
X
32/16
F0000h–F7FFFh
78000h–7BFFFh
SA16
1
1
1
1
1
0
0
8/4
F8000h–F9FFFh
7C000h–7CFFFh
SA17
1
1
1
1
1
0
1
8/4
FA000h–FBFFFh
7D000h–7DFFFh
SA18
1
1
1
1
1
1
X
16/8
FC000h–FFFFFh
7E000h–7FFFFh
Sector
A18
A17
A16
A15
A14
A13
A12
Sector Size
(Kbytes/
Kwords)
Address Range (in hexadecimal)
(x8)
Address Range
(x16)
Address Range
SA0
0
0
0
0
0
0
X
16/8
00000h–03FFFh
00000h–01FFFh
SA1
0
0
0
0
0
1
0
8/4
04000h–05FFFh
02000h–02FFFh
SA2
0
0
0
0
0
1
1
8/4
06000h–07FFFh
03000h–03FFFh
SA3
0
0
0
0
1
X
X
32/16
08000h–0FFFFh
04000h–07FFFh
SA4
0
0
0
1
X
X
X
64/32
10000h–1FFFFh
08000h–0FFFFh
SA5
0
0
1
0
X
X
X
64/32
20000h–2FFFFh
10000h–17FFFh
SA6
0
0
1
1
X
X
X
64/32
30000h–3FFFFh
18000h–1FFFFh
SA7
0
1
0
0
X
X
X
64/32
40000h–4FFFFh
20000h–27FFFh
SA8
0
1
0
1
X
X
X
64/32
50000h–5FFFFh
28000h–2FFFFh
SA9
0
1
1
0
X
X
X
64/32
60000h–6FFFFh
30000h–37FFFh
SA10
0
1
1
1
X
X
X
64/32
70000h–7FFFFh
38000h–3FFFFh
SA11
1
0
0
0
X
X
X
64/32
80000h–8FFFFh
40000h–47FFFh
SA12
1
0
0
1
X
X
X
64/32
90000h–9FFFFh
48000h–4FFFFh
SA13
1
0
1
0
X
X
X
64/32
A0000h–AFFFFh
50000h–57FFFh
SA14
1
0
1
1
X
X
X
64/32
B0000h–BFFFFh
58000h–5FFFFh
SA15
1
1
0
0
X
X
X
64/32
C0000h–CFFFFh
60000h–67FFFh
SA16
1
1
0
1
X
X
X
64/32
D0000h–DFFFFh
68000h–6FFFFh
SA17
1
1
1
0
X
X
X
64/32
E0000h–EFFFFh
70000h–77FFFh
SA18
1
1
1
1
X
X
X
64/32
F0000h–FFFFFh
78000h–7FFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com