Electronic Components Datasheet Search
  English  ▼

X  

SA534D Datasheet(PDF) 1 Page - NXP Semiconductors

Part # SA534D
Description  Low power quad op amps
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA534D Datasheet(HTML) 1 Page - NXP Semiconductors

  SA534D Datasheet HTML 1Page - NXP Semiconductors SA534D Datasheet HTML 2Page - NXP Semiconductors SA534D Datasheet HTML 3Page - NXP Semiconductors SA534D Datasheet HTML 4Page - NXP Semiconductors SA534D Datasheet HTML 5Page - NXP Semiconductors SA534D Datasheet HTML 6Page - NXP Semiconductors SA534D Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Philips Semiconductors
Product specification
LM124/224/324/324A/
SA534/LM2902
Low power quad op amps
1
1995 Nov 27
853-0929 16050
DESCRIPTION
The LM124/SA534/LM2902 series consists of four independent,
high-gain, internally frequency-compensated operational amplifiers
designed specifically to operate from a single power supply over a
wide range of voltages.
UNIQUE FEATURES
In the linear mode, the input common-mode voltage range includes
ground and the output voltage can also swing to ground, even
though operated from only a single power supply voltage.
The unity gain crossover frequency and the input bias current are
temperature-compensated.
FEATURES
• Internally frequency-compensated for unity gain
• Large DC voltage gain: 100dB
• Wide bandwidth (unity gain): 1MHz (temperature-compensated)
• Wide power supply range Single supply: 3V
DC to 30VDC or dual
supplies:
±1.5VDC to ±15VDC
• Very low supply current drain: essentially independent of supply
voltage (1mW/op amp at +5VDC)
• Low input biasing current: 45nA
DC (temperature-compensated)
• Low input offset voltage: 2mV
DC and offset current: 5nADC
• Differential input voltage range equal to the power supply voltage
• Large output voltage: 0V
DC to VCC-1.5VDC swing
PIN CONFIGURATION
D, F, N Packages
1
2
3
4
5
6
7
8
14
13
12
11
10
9
– +
1
–
+
4
– +
2
–
+
3
OUTPUT 1
–INPUT 1
+INPUT 1
V +
+INPUT 2
–INPUT 2
OUTPUT 2
OUTPUT 4
–INPUT 4
+INPUT 4
GND
+INPUT 3
–INPUT 3
OUTPUT 3
TOP VIEW
SL00065
Figure 1. Pin Configuration
ORDERING INFORMATION
DESCRIPTION
TEMPERATURE RANGE
ORDER CODE
DWG #
14-Pin Plastic Dual In-Line Package (DIP)
-55
°C to +125°C
LM124N
SOT27-1
14-Pin Ceramic Dual In-Line Package (CERDIP)
-55
°C to +125°C
LM124F
0581B
14-Pin Plastic Dual In-Line Package (DIP)
-25
°C to +85°C
LM224N
SOT27-1
14-Pin Ceramic Dual In-Line Package (CERDIP)
-25
°C to +85°C
LM224F
0581B
14-Pin Plastic Small Outline (SO) Package
-25
°C to +85°C
LM224D
SOT108-1
14-Pin Plastic Dual In-Line Package (DIP)
0
°C to +70°C
LM324N
SOT27-1
14-Pin Ceramic Dual In-Line Package (CERDIP)
0
°C to +70°C
LM324F
0581B
14-Pin Plastic Small Outline (SO) Package
0
°C to +70°C
LM324D
SOT108-1
14-Pin Plastic Dual In-Line Package (DIP)
0
°C to +70°C
LM324AN
SOT27-1
14-Pin Plastic Small Outline (SO) Package
0
°C to +70°C
LM324AD
SOT108-1
14-Pin Plastic Dual In-Line Package (DIP)
-40
°C to +85°C
SA534N
SOT27-1
14-Pin Ceramic Dual In-Line Package (CERDIP)
-40
°C to +85°C
SA534F
0581B
14-Pin Plastic Small Outline (SO) Package
-40
°C to +85°C
SA534D
SOT108-1
14-Pin Plastic Small Outline (SO) Package
-40
°C to +125°C
LM2902D
SOT108-1
14-Pin Plastic Dual In-Line Package (DIP)
-40
°C to +125°C
LM2902N
SOT27-1


Similar Part No. - SA534D

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
SA53 CIRRUS-SA53 Datasheet
757Kb / 14P
Switching Amplifier
SA53-IHZ CIRRUS-SA53-IHZ Datasheet
757Kb / 14P
Switching Amplifier
logo
AUK corp
SA5311 AUK-SA5311 Datasheet
205Kb / 3P
LED Lamp
SA5311B AUK-SA5311B Datasheet
205Kb / 3P
LED Lamp
SA5315-F AUK-SA5315-F Datasheet
202Kb / 4P
High Brightness LED Lamp
More results

Similar Description - SA534D

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1112 LINER-LT1112 Datasheet
369Kb / 12P
Dual/Quad Low Power Precision, Picoamp Input Op Amps
logo
National Semiconductor ...
LM148JAN NSC-LM148JAN Datasheet
806Kb / 18P
Quad 741 Op Amps
LM148QML NSC-LM148QML Datasheet
781Kb / 17P
Quad 741 Op Amps
logo
Linear Integrated Syste...
LT1112 LINEAR-LT1112_1 Datasheet
339Kb / 16P
Dual/Quad Low Power Precision, Picoamp Input Op Amps
logo
Texas Instruments
LM348N-NOPB TI1-LM348N-NOPB Datasheet
1Mb / 22P
Quad 741 Op Amps
logo
Linear Technology
LT1112 LINER-LT1112_15 Datasheet
345Kb / 16P
Dual/Quad Low Power Precision, Picoamp Input Op Amps
LT1114 LINER-LT1114_15 Datasheet
345Kb / 16P
Dual/Quad Low Power Precision, Picoamp Input Op Amps
logo
Texas Instruments
LM148JAN TI1-LM148JAN Datasheet
710Kb / 21P
Quad 741 Op Amps
LM148QML TI1-LM148QML Datasheet
710Kb / 20P
Quad 741 Op Amps
logo
Maxim Integrated Produc...
MAX4385E MAXIM-MAX4385E_02 Datasheet
284Kb / 13P
Low-Cost, 230MHz, Single/Quad Op Amps
Rev 0; 4/02
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com