Electronic Components Datasheet Search
  English  ▼

X  

SA534D Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SA534D
Description  Low power quad op amps
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA534D Datasheet(HTML) 4 Page - NXP Semiconductors

  SA534D Datasheet HTML 1Page - NXP Semiconductors SA534D Datasheet HTML 2Page - NXP Semiconductors SA534D Datasheet HTML 3Page - NXP Semiconductors SA534D Datasheet HTML 4Page - NXP Semiconductors SA534D Datasheet HTML 5Page - NXP Semiconductors SA534D Datasheet HTML 6Page - NXP Semiconductors SA534D Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Philips Semiconductors
Product specification
LM124/224/324/324A/
SA534/LM2902
Low power quad op amps
1995 Nov 27
4
DC ELECTRICAL CHARACTERISTICS (Continued)
VCC=5V, TA=25°C unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
LM324A
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
Min
Typ
Max
UNIT
VOS
Offset voltage1
RS=0Ω
±2
±3
mV
VOS
Offset voltage1
RS=0Ω, over temp.
±5
mV
∆VOS/∆T
Temperature drift
RS=0Ω, over temp.
7
30
µV/°C
IBIAS
Input current2
IIN(+) or IIN(-)
45
100
nA
IBIAS
Input current2
IIN(+) or IIN(-), over temp.
40
200
nA
∆IBIAS/∆T
Temperature drift
Over temp.
50
pA/
°C
IOS
Offset current
IIN(+)-IIN(-)
±5
±30
nA
IOS
Offset current
IIN(+)-IIN(-), over temp.
±75
nA
∆IOS/∆T
Temperature drift
Over temp.
10
300
pA/
°C
VCM
Common-mode voltage range3
VCC≤30V
0
VCC-1.5
V
VCC≤30V, over temp.
0
VCC-2
V
CMRR
Common-mode rejection ratio
VCC=30V
65
85
dB
VOUT
Output voltage swing
RL=2kΩ, VCC=30V,
over temp.
26
V
VOH
Output voltage high
RL≤10kΩ, VCC=30V, over temp.
27
28
V
VOL
Output voltage low
RL≤10kΩ,
over temp.
5
20
mV
ICC
Supply current
RL=∞, VCC=30V, over temp.
1.5
3
mA
RL=∞, over temp.
0.7
1.2
mA
AVOL
Large-signal voltage gain
VCC=15V (for large VO swing), RL≥2kΩ
25
100
V/mV
VCC=15V (for large VO swing), RL≥2kΩ,
over temp.
15
V/mV
Amplifier-to-amplifier coupling5
f=1kHz to 20kHz,
input referred
-120
dB
PSRR
Power supply rejection ratio
RS≤0Ω
65
100
dB
Output current
source
VIN+=+1V, VIN-=0V, VCC=15V
20
40
mA
VIN+=+1V, VIN-=0V, VCC=15V, over temp.
10
20
mA
IOUT
Output current
VIN-=+1V, VIN+=0V, VCC=15V
10
20
mA
sink
VIN-=+1V, VIN+=0V, VCC=15V, over temp.
5
8
mA
VIN-=+1V, VIN+=0V, VO=200mV
12
50
µA
ISC
Short-circuit current4
10
40
60
mA
VDIFF
Differential input voltage3
VCC
V
GBW
Unity gain bandwidth
1
MHz
SR
Slew rate
0.3
V/
µs
VNOISE
Input noise voltage
f=1kHz
40
nV/
√Hz
NOTES:
1. VO ≈ 1.4VDC, RS=0Ω with VCC from 5V to 30V and over full input common-mode range (0VDC+ to VCC -1.5V).
2. The direction of the input current is out of the IC due to the PNP input stage. This current is essentially constant, independent of the state of
the output so no loading change exists on the input lines.
3. The input common-mode voltage or either input signal voltage should not be allowed to go negative by more than 0.3V. The upper end of the
common-mode voltage range is VCC -1.5, but either or both inputs can go to +32V without damage.
4. Short-circuits from the output to VCC can cause excessive heating and eventual destruction. The maximum output current is approximately
40mA independent of the magnitude of VCC. At values of supply voltage in excess of +15VDC, continuous short-circuits can exceed the
power dissipation ratings and cause eventual destruction. Destructive dissipation can result from simultaneous shorts on all amplifiers.
5. Due to proximity of external components, insure that coupling is not originating via stray capacitance between these external parts. This
typically can be detected as this type of coupling increases at higher frequencies.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com