Electronic Components Datasheet Search
  English  ▼

X  

AM29BDD160GT2DPBI Datasheet(PDF) 70 Page - Advanced Micro Devices

Part # AM29BDD160GT2DPBI
Description  16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDD160GT2DPBI Datasheet(HTML) 70 Page - Advanced Micro Devices

Back Button AM29BDD160GT2DPBI Datasheet HTML 66Page - Advanced Micro Devices AM29BDD160GT2DPBI Datasheet HTML 67Page - Advanced Micro Devices AM29BDD160GT2DPBI Datasheet HTML 68Page - Advanced Micro Devices AM29BDD160GT2DPBI Datasheet HTML 69Page - Advanced Micro Devices AM29BDD160GT2DPBI Datasheet HTML 70Page - Advanced Micro Devices AM29BDD160GT2DPBI Datasheet HTML 71Page - Advanced Micro Devices AM29BDD160GT2DPBI Datasheet HTML 72Page - Advanced Micro Devices AM29BDD160GT2DPBI Datasheet HTML 73Page - Advanced Micro Devices AM29BDD160GT2DPBI Datasheet HTML 74Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 79 page
background image
68
Am29BDD160G
June 7, 2006
AC CHARACTERISTICS
Note: The system may use CE# or OE# to toggle DQ2 and DQ6. DQ2 toggles only when read at an address within an
erase-suspended sector.
Figure 26.
DQ2 vs. DQ6 for Erase and Erase Suspend Operations
Enter
Erase
Erase
Erase
Enter Erase
Suspend Program
Erase Suspend
Read
Erase Suspend
Read
Erase
WE#
DQ6
DQ2
Erase
Complete
Erase
Suspend
Suspend
Program
Resume
Embedded
Erasing
CE#
CLK
AVD#
Addresses
OE#
Data
RDY
Status Data
Status Data
VA
VA
tOE
tOE
1.
The timings are similar to synchronous read timings and asynchronous data polling Timings/Toggle bit Timing.
2. VA = Valid Address. Two read cycles are required to determine status. When the Embedded Algorithm operation is complete,
the toggle bits will stop toggling.
3. RDY is active with data (A18 = 0 in the Configuration Register). When A18 = 1 in the Configuration Register, RDY is active one
clock cycle before data.
4. Data polling requires burst access time delay.
Figure 27.Synchronous Data Polling Timing/Toggle Bit Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com