Electronic Components Datasheet Search
  English  ▼

X  

AM29BDD160GT2DPBI Datasheet(PDF) 74 Page - Advanced Micro Devices

Part # AM29BDD160GT2DPBI
Description  16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDD160GT2DPBI Datasheet(HTML) 74 Page - Advanced Micro Devices

Back Button AM29BDD160GT2DPBI Datasheet HTML 70Page - Advanced Micro Devices AM29BDD160GT2DPBI Datasheet HTML 71Page - Advanced Micro Devices AM29BDD160GT2DPBI Datasheet HTML 72Page - Advanced Micro Devices AM29BDD160GT2DPBI Datasheet HTML 73Page - Advanced Micro Devices AM29BDD160GT2DPBI Datasheet HTML 74Page - Advanced Micro Devices AM29BDD160GT2DPBI Datasheet HTML 75Page - Advanced Micro Devices AM29BDD160GT2DPBI Datasheet HTML 76Page - Advanced Micro Devices AM29BDD160GT2DPBI Datasheet HTML 77Page - Advanced Micro Devices AM29BDD160GT2DPBI Datasheet HTML 78Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 79 page
background image
72
Am29BDD160G
June 7, 2006
ERASE AND PROGRAMMING PERFORMANCE
Notes:
1. Typical program and erase times assume the following conditions: 25
°C, 2.5 V V
CC, 1M cycles. Additionally, programming
typicals assume checkerboard pattern.
2. Under worst case conditions of 145°C, V
CC = 2.5 V, 100,000 cycles.
3. The typical chip programming time is considerably less than the maximum chip programming time listed.
4. In the pre-programming step of the Embedded Erase algorithm, all bytes are programmed to 00h before erasure.
5. System-level overhead is the time required to execute the two- or four-bus-cycle sequence for the program command. See
Tables 19 and 20 for further information on command definitions.
6. The device has a minimum erase and program cycle endurance of 1M cycles.
7. PPBs have a minimum program/erase cycle endurance of 100 cycles.
LATCHUP CHARACTERISTICS
Includes all pins except VCC. Test conditions: VCC = 3.0 V, one pin at a time.
PQFP AND FORTIFIED BGA PIN CAPACITANCE
Notes:
1. Sampled, not 100% tested.
2. Test conditions TA = 25°C, f = 1.0 MHz.
DATA RETENTION
Parameter
Typ (Note 1)
Max (Note 2)
Unit
Comments
Sector Erase Time
1.05
s
Excludes 00h programming
prior to erasure (Note 4)
Chip Erase Time
23
230
s
Double Word Program Time
18
250
µs
Excludes system level
overhead (Note 5)
Word (x16) Program Time
15
210
µs
Accelerated Double Word Program Time
8
130
µs
Accelerated Chip Program Time
5
50
s
Chip Program Time
(Note 3)
x16
10
100
s
x3212
120
Description
MinMax
Input voltage with respect to V
SS on all pins except I/O pins
(including A9, ACC, and WP#)
–1.0 V
12.5 V
Input voltage with respect to VSS on all I/O pins
–1.0 V
VCC + 1.0 V
VCC Current
–100 mA
+100 mA
Parameter
Symbol
Parameter Description
Test Setup
Typ
Max
Unit
C
IN
Input Capacitance
V
IN = 0
6
7.5pF
C
OUT
Output Capacitance
V
OUT = 0
8.512
pF
C
IN2
Control Pin Capacitance
V
IN = 0
7.5
9
pF
Parameter
Test Conditions
MinUnit
Minimum Pattern Data Retention Time
150
°C10
Years
125
°C20
Years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com