Electronic Components Datasheet Search
  English  ▼

X  

AP451 Datasheet(PDF) 6 Page - Anachip Corp

Part # AP451
Description  2 Channel Linear Controller with Independent Enable Function
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP451 Datasheet(HTML) 6 Page - Anachip Corp

  AP451 Datasheet HTML 1Page - Anachip Corp AP451 Datasheet HTML 2Page - Anachip Corp AP451 Datasheet HTML 3Page - Anachip Corp AP451 Datasheet HTML 4Page - Anachip Corp AP451 Datasheet HTML 5Page - Anachip Corp AP451 Datasheet HTML 6Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
AH266
High Voltage Hall Effect Latch
Anachip Corp.
www.anachip.com.tw
Rev 0.2 Jan 19, 2005
6/6
Package Information
Active Area Depth
Package Sensor Location
Marking side
0.7mm
1.046mm
123
4
1.971mm
Package Dimension
14.25mm
+/-1.25mm
1.03mm
+/-0.1
1.55mm
+/-0.1mm
0.38mm
+/-0.03mm
3.65mm
+/-0.1mm
1.42mm+/-0.1mm
1.27mm
+/-0.03mm
0.41mm
+/-0.03mm
0.30mm
+/-0.1mm
0.46mm +/-0.03mm
0.2mm Max.
5
o
-7
o
o
3
o
-5
o
3
o-5
5
o
-7
o



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com