Electronic Components Datasheet Search
  English  ▼

X  

AP451 Datasheet(PDF) 1 Page - Anachip Corp

Part # AP451
Description  2 Channel Linear Controller with Independent Enable Function
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP451 Datasheet(HTML) 1 Page - Anachip Corp

  AP451 Datasheet HTML 1Page - Anachip Corp AP451 Datasheet HTML 2Page - Anachip Corp AP451 Datasheet HTML 3Page - Anachip Corp AP451 Datasheet HTML 4Page - Anachip Corp AP451 Datasheet HTML 5Page - Anachip Corp AP451 Datasheet HTML 6Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AH266
High Voltage Hall Effect Latch
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of
this product. No rights under any patent accompany the sale of the product.
Rev. 0.2 Jan 19, 2005
1/6
Features
- On-chip Hall plate
- Operating voltage: 4V~28V
- Output current: 400mA(Continuous, 25
oC)
- Reverse protection diode only for chip reverse
power connecting (Note)
- Output protection Zener breakdown Vz=62V(Typ)
- Package: SIP-4L
(Note)
Protection diode only exists at power pin(1,4) output, not
including pin (2,3).
Application
- Dual-coil Brush-less DC Motor
- Dual-coil Brush-less DC Fan
- Revolution Counting
- Speed Measurement
Pin Assignment
1. VCC
2. DO
4. GND
3. DOB
General Description
AH266 is an integrated Hall sensor with output
drivers designed for electronic commutation of
brush-less DC motor applications. The device
includes an on-chip Hall voltage generator for
magnetic sensing, a comparator that amplifies the
Hall voltage, and a Schmitt trigger to provide
switching hysteresis for noise rejection, and
complementary darlington open-collector drivers for
sinking large current loads. An internal bandgap
regulator
is
used
to
provide
temperature
compensated supply voltage for internal circuits and
allows a wide operating supply range.
If a magnetic flux density (B) is larger than operate
point (Bop), DO turn on (low) and DOB turn off
(high). The outputs state is latched prior to reach
release point (Brp). if B< Brp, DO turn off and DOB
turn on. AH266 is rated for operation over
temperature range from -20
oC to 85 oC and voltage
range from 4V to 28V. The devices are available in
low cost die forms or rugged 4 pin SIP packages.
Pin Configuration
Name
Description
VCC
Positive Power Supply
DO
Output Pin
DOB
Output Pin
GND
Ground
Ordering Information
AH266 X -X X X -X
Packing
Blank : Tube
A : Taping
P: SIP-4L
Package
Lead
L : Lead Free
Blank: Normal
Wafer Body
Magnetic
Characteristics
Blank or
A~Z : if necessary
to specify
A or B


Similar Part No. - AP451

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP4511GD A-POWER-AP4511GD Datasheet
155Kb / 8P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4511GD A-POWER-AP4511GD_14 Datasheet
161Kb / 8P
Fast Switching Speed
AP4511GED A-POWER-AP4511GED Datasheet
120Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4511GED-HF A-POWER-AP4511GED-HF Datasheet
126Kb / 7P
Simple Drive Requirement, Lower Gate Charge
AP4511GED-HF A-POWER-AP4511GED-HF_14 Datasheet
126Kb / 7P
Simple Drive Requirement
More results

Similar Description - AP451

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5127 CHERRY-CS5127 Datasheet
293Kb / 24P
Dual Output Nonsynchronous Buck Controller with Sync Function and Second Channel Enable
Rev. 11/3/98
logo
Anachip Corp
AP450 ANACHIP-AP450 Datasheet
183Kb / 6P
2 Channel Linear Controller with Enable Function
Rev. 1.1 Sep 7, 2004
logo
Unisonic Technologies
LR6401 UTC-LR6401_12 Datasheet
421Kb / 8P
DUAL CHANNEL LDO REGULATORS WITH ENABLE FUNCTION
logo
BCD Semiconductor Manuf...
AP2113A BCDSEMI-AP2113A Datasheet
457Kb / 12P
1.6x Linear Fan Driver with Enable Function
logo
Rohm
BD39012EFV-C ROHM-BD39012EFV-C Datasheet
2Mb / 42P
Independent enable control
logo
Skyworks Solutions Inc.
AAT2687 SKYWORKS-AAT2687 Datasheet
3Mb / 20P
Independent Enable Pins
AAT2689 SKYWORKS-AAT2689 Datasheet
3Mb / 20P
Independent Enable Pins
logo
E-CMOS Corporation
EC49513A E-CMOS-EC49513A Datasheet
1Mb / 24P
300mA Linear Regulator with Enable And Fast Discharge Function
logo
Unisonic Technologies
LR6401 UTC-LR6401_17 Datasheet
448Kb / 8P
DUAL CHANNEL LDO REGULATORS WITH ENABLE FUNCTION
logo
Shenzhen Huazhimei Semi...
HM4057 HMSEMI-HM4057 Datasheet
882Kb / 8P
Independent linear lithium battery charger with thermal regulation function
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com