Electronic Components Datasheet Search
  English  ▼

X  

MA723 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # MA723
Description  Precision voltage regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MA723 Datasheet(HTML) 5 Page - NXP Semiconductors

  MA723 Datasheet HTML 1Page - NXP Semiconductors MA723 Datasheet HTML 2Page - NXP Semiconductors MA723 Datasheet HTML 3Page - NXP Semiconductors MA723 Datasheet HTML 4Page - NXP Semiconductors MA723 Datasheet HTML 5Page - NXP Semiconductors MA723 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Philips Semiconductors
Product specification
µA723/723C
Precision voltage regulator
1994 Aug 31
5
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(VIN – VOUT) — V
Line Transient Response
Load Regulation as a
Function of Input-Output
Voltage Differential
Current Limiting
Characteristics
4.0
2.0
0
INPUT VOLTAGE
OUTPUT VOLTAGE
0
–2.0
–4.0
–5
5
15
25
35
45
–6.0
TIME —
µs
+0.2
+0.1
0
0.1
–0.2
–0.3
–5
5
25
15
35
45
VO = +5V
RSC = 0
TA = +25°C
VIN = +12V
IIL = mA TO IL = 50mA
1.2
0
OUTPUT CURRENT — mA
1.0
0.8
0.6
0.4
0.2
0
20
40
60
80
100
TA = 0°C
TA = –55°C
TA = +25°C
TA = +70°C
TA = +125°C
VO = +5V
RSC = 10Ω
VIN = +12V
SL00506
Figure 4. Typical Performance Characteristics (cont.)
TYPICAL APPLICATIONS
NOTES:
V
OUT +
V
REF
x
R
2
R
1 )
R
2
R
3 +
R
1
R
2
R
1 )
R
2
for minimum temperature drift
V
OUT +
V
REF
2
x
R
1 )
R
2
R
1
; R
3 +
R
4
NOTE:
Low Voltage Regulator (VOUT = 2 to 7V)
Negative Voltage Regulator
CREF
R2
R1
COMP
V–
100pF
C1
R3
RSC
VC
V+
VIN
REGULATED
OUTPUT
VREF
VOUT
CL
CS
INV
N.I.
VREF VOUT
CL
CS
INV
N.I.
VZ
R4
R3
COMP
100pF
C1
REGULATED
OUTPUT
R1
R2V+
VC
R5
T1
SL00507
Figure 5. Typical Applications



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com